Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F103ZCT7XXX Datasheet(PDF) 141 Page - STMicroelectronics

Part # STM32F103ZCT7XXX
Description  High-density performance line Arm®-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103ZCT7XXX Datasheet(HTML) 141 Page - STMicroelectronics

Back Button STM32F103ZCT7XXX Datasheet HTML 135Page - STMicroelectronics STM32F103ZCT7XXX Datasheet HTML 136Page - STMicroelectronics STM32F103ZCT7XXX Datasheet HTML 137Page - STMicroelectronics STM32F103ZCT7XXX Datasheet HTML 138Page - STMicroelectronics STM32F103ZCT7XXX Datasheet HTML 139Page - STMicroelectronics STM32F103ZCT7XXX Datasheet HTML 140Page - STMicroelectronics STM32F103ZCT7XXX Datasheet HTML 141Page - STMicroelectronics STM32F103ZCT7XXX Datasheet HTML 142Page - STMicroelectronics STM32F103ZCT7XXX Datasheet HTML 143Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 141 / 143 page
background image
DS5792 Rev 13
141/143
STM32F103xC, STM32F103xD, STM32F103xE
Revision history
142
19-Apr-2011
8
Updated package choice for 103Rx in Table 2
Updated footnotes below Table 7: Voltage characteristics on page 43
and Table 8: Current characteristics on page 43
Updated tw min in Table 21: High-speed external user clock
characteristics on page 58
Updated startup time in Table 24: LSE oscillator characteristics (fLSE =
32.768 kHz) on page 61
Updated note 2 in Table 51: I2C characteristics on page 96
Updated Figure 48: I2C bus AC waveforms and measurement circuit
Updated Figure 47: Recommended NRST pin protection
Updated Section 5.3.14: I/O port characteristics
Updated Table 35: Synchronous multiplexed NOR/PSRAM read
timings on page 72
Updated FSMC Figure 26 thru Figure 31
Updated Figure 41.: NAND controller waveforms for common memory
write access and Figure 48.: I2C bus AC waveforms and measurement
circuit
Added Section 5.3.13: I/O current injection characteristics
Updated Figure 67 and added Table 69: WLCSP, 64-ball 4.466 × 4.395
mm, 0.500 mm pitch, wafer-level chip-scale package mechanical data
on page 120
LQFP64 package mechanical data updated: see Figure 73.: LQFP64 –
10 x 10 mm 64 pin low-profile quad flat package outline and Table 73:
LQFP64 – 10 x 10 mm 64 pin low-profile quad flat package mechanical
data on page 129.
30-Sept-2014
9
Added Note 7 in Table 5: High-density STM32F103xC/D/E pin
definitions on page 31.
Updated Note 10 in Table 5: High-density STM32F103xC/D/E pin
definitions on page 31.
Modified Note 2 in Table 62: ADC accuracy on page 108
Modified Note 3 in Table 62: ADC accuracy on page 108
Modified notes in Table 51: I2C characteristics on page 96
Updated Figure 51: SPI timing diagram - master mode(1) on page 100
23-Feb-2015
10
Updated Figure 66.: BGA pad footprint, Figure 70: LQFP144 - 144-pin,
20 x 20 mm low-profile quad flat package outline, Figure 73.: LQFP100
– 14 x 14 mm 100 pin low-profile quad flat package outline, Figure 74.:
LQFP100 recommended footprint, Figure 76.: LQFP64 – 10 x 10 mm
64 pin low-profile quad flat package outline, Figure 77.: LQFP64 - 64-
pin, 10 x 10 mm low-profile quad flat recommended footprint
Added Figure 72.: LQFP144 marking example (package top view),
Figure 75.: LQFP100 marking example (package top view), Figure 78.:
LQFP64 marking example (package top view)
Updated Table 72: LQPF100 – 14 x 14 mm 100-pin low-profile quad flat
package mechanical data, Table 73: LQFP64 – 10 x 10 mm 64 pin low-
profile quad flat package mechanical data
Table 76.Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com