Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9221 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP9221
Description  SINGLE CHIP BATTERY PROTECTION SOLUTION FOR 1-CELL Li BATTERY PACK
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9221 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP9221 Datasheet HTML 4Page - Diodes Incorporated AP9221 Datasheet HTML 5Page - Diodes Incorporated AP9221 Datasheet HTML 6Page - Diodes Incorporated AP9221 Datasheet HTML 7Page - Diodes Incorporated AP9221 Datasheet HTML 8Page - Diodes Incorporated AP9221 Datasheet HTML 9Page - Diodes Incorporated AP9221 Datasheet HTML 10Page - Diodes Incorporated AP9221 Datasheet HTML 11Page - Diodes Incorporated AP9221 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AP9221
Document number: DS42177 Rev. 3 - 2
8 of 16
www.diodes.com
May 2021
© Diodes Incorporated
AP9221
Application Information
Operation Mode
1. Normal Status
The AP9221 monitors the battery voltage and voltage difference between the VDD pin and VSS pin to control battery charging and discharging.
The AP9221 will turn on discharging and charging MOSFET when the battery voltage is between the overdischarge detection voltage (VDL) and
overcharge detection voltage (VCU), and the VM pin voltage is between the charge overcurrent detection voltage (VCOC) and discharge overcurrent
detection voltage (VDOC). In these conditions, the battery can charge and discharge freely. The RVMD also does not connect to the VDD pin. In this
status, the RVMS does not connect to VSS pin.
2. Overcharge Status
If the battery voltage is more than VCU during charging status for the overcharge detection delay time (tCU) or longer, the AP9221 turns off the
charging MOSFET to stop charging. RVMD and RVMS are not connected in overcharge status.
When VM pin voltage is lower than VDOC and battery voltage falls below VCL, the AP9221 will release from overcharge status.
When VM pin voltage is equal or more than VDOC and battery voltage falls below VCU, the AP9221 will release from overcharge status.
3. Overdischarge Status
If the battery voltage is less than VDL during discharging status for the overdischarge detection delay time (tDL) or longer, the AP9221 turns off the
discharging MOSFET to stop discharging. In overdischarge status, the RVMD is connected to the VDD, and VM pin voltage is pulled up to VDD by
RVMD
(but RVMS is not connected). For the power-down mode version, the AP9221 recovers into normal status from overdischarge status only by
charging the battery through the charger.
When VM pin voltage to VSS pin voltage is less than the typical -0.7V and the battery voltage rises over VDL, the AP9221 will release from
overdischarge status. If VM pin voltage to VSS pin voltage is higher than the typical -0.7V, the AP9221 will release from overdischarge status until
the battery voltage rises over VDU.
For auto-wake-up version AP9221SA, the device recovers into normal status from overdischarge status if either of these two conditions are
satisfied:
If a charger is connected:
the AP9221SA overdischarge status is released in the same way as described above in “AP9221S Overdischarge Status”
section.
If no charger is connected:
1) the battery voltage reaches the overdischarge release voltage (VDU) or higher;
2) it maintains continuous time more than overdischarge release delay time tDLR.
4. Discharge Overcurrent and Short Current Status
If the battery is in discharge overcurrent status, the voltage of the VM pin to VSS pin is equal or more than VDOC to VSHORT, and detection lasts for
the discharge overcurrent detection delay time (tDOC) or longer, the AP9221 turns off the discharging MOSFET to stop discharging.
If the battery is in short current status, the voltage of the VM pin to VSS pin is equal to or more than VSHORT, and the detection lasts for the short
current detection delay time or longer, the AP9221 turns off the discharge MOSFET to stop discharging.
In discharge overcurrent or short current status, RVMS is connected to VSS
, but RVMD is not connected. The voltage of VM pin is almost equal to
VDD as long as the load is connected. When the load is disconnected, the voltage of VM pin will become almost equal to VSS (due to RVMS being
connected) and then the AP9221 will release from discharge overcurrent or short current status.
5. Charge Overcurrent Status
If the battery is in charge current status, the voltage of the VM pin to VSS pin is equal to or less than VCOC, and the detection continues for the
charge overcurrent detection delay time (tCOC) or longer, the AP9221 turns off the charging MOSFET to stop charging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com