Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9221 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP9221
Description  SINGLE CHIP BATTERY PROTECTION SOLUTION FOR 1-CELL Li BATTERY PACK
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9221 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP9221 Datasheet HTML 1Page - Diodes Incorporated AP9221 Datasheet HTML 2Page - Diodes Incorporated AP9221 Datasheet HTML 3Page - Diodes Incorporated AP9221 Datasheet HTML 4Page - Diodes Incorporated AP9221 Datasheet HTML 5Page - Diodes Incorporated AP9221 Datasheet HTML 6Page - Diodes Incorporated AP9221 Datasheet HTML 7Page - Diodes Incorporated AP9221 Datasheet HTML 8Page - Diodes Incorporated AP9221 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AP9221
Document number: DS42177 Rev. 3 - 2
2 of 16
www.diodes.com
May 2021
© Diodes Incorporated
AP9221
Typical Applications Circuit (Note 4)
U1
AP9221
(U-DFN2030-6
(Type C))
BAT
P+
C1
100n
R2
2.7k
Ω
P-
VDD
VSS
S1
S2
VM
1
2
3
5
6
R1
330
Ω to 470Ω
Note:
4. R1 and C1 are used to stabilize the supply voltage of the AP9221. The recommended range of the R1 value is 330Ω to 470Ω and C1 value is 10nF to
1000nF, typical value is 100nF. R2 should be connected between P- to VM sense terminal to monitor the status of charger and the charge/discharge
current. The R2 should be between 300Ω and 4kΩ, typical value is 2.7kΩ. R1 and R2 are also used as current limit resistors if the battery or charger is
connected reversely. Polarity reversing may cause the power consumption of R1 and R2 to go over their power dissipation rating, therefore R1 and R2
values should be selected appropriately for the actual application. If R2 is more than 4kΩ resistor, charge may not be off due to the voltage drop on R2.
For power down mode, when first connecting AP9221 system board to the battery, it is necessary to use charger or to short P- to the battery negative
polarity. Once the AP9221 is activated, the charger or connection can be removed, otherwise the battery cannot discharge current through system board.
The values selected should follow the recommended typical range mentioned above. It has not been confirmed whether the operation is normal or not in
circuits other than the above example of connection. In addition, the example of connection shown above and the typical value do not exactly guarantee
proper operation. Please perform the actual application to set the suitable value through your complete evaluation.
Pin Descriptions
Pin Number
Pin Name
Function
1
S1
Source pin of discharging MOSFET, connecting this pin to battery negative pole.
2
VSS
Negative power supply pin
3
VDD
Positive power supply pin, connecting this pin to battery positive pole through R1
4
NC
Not connected, leave this pin floating
5
VM
Charger negative input pin, short this pin to S2 pin through R2
6
S2
Source pin of charging MOSFET, connecting this pin to charge negative input.
EP
D
Thermal PAD is common drain of charge and discharge MOSFET, so in PCB layout, prefer to use
large copper area to cover this pad for better thermal dissipation, then leave it open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com