Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM440 Datasheet(PDF) 4 Page - ELM Electronics

Part # ELM440
Description  60Hz Generator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM440 Datasheet(HTML) 4 Page - ELM Electronics

  ELM440 Datasheet HTML 1Page - ELM Electronics ELM440 Datasheet HTML 2Page - ELM Electronics ELM440 Datasheet HTML 3Page - ELM Electronics ELM440 Datasheet HTML 4Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Example Application
4 of 4
The ELM440 can be easily configured to
provide a 60Hz output as shown in Figure 1 below.
A 3.579545MHz crystal is connected to the
integrated circuit, along with suitable loading
capacitors, and the 60Hz output is then taken from
pin 7. Pin 5 is grounded, as no reference signal is
supplied. As usual, it is also good practise to place
a bypass capacitor across the power supply as
well.
Figure 2 shows how easily this circuit can be
modified to operate in synchronism with the AC
power line. A reference signal is taken from one
half of a 16Vrms CT transformer winding through a
47K
Ω resistor. Both circuits share a common VSS.
The resistor was chosen to limit peak currents in
this circuit to about 0.24 mA, which is well within
the IC’s capabilities. The ELM440 will continue to
use this signal as it’s reference, as long as it is
available. Upon loss of the AC, the circuit will
automatically switch over to using the crystal as a
reference.
Using a rectifier circuit for the reference signal
can pose some problems if one is not careful. Full-
wave circuits can be particularly troublesome as
all of the diodes may cease to conduct after the
peak of the waveform, and the input voltage level
is then essentially floating. In this case, at
minimum, a large value (470K
Ω) resistor should
also be connected between the sync input and
VSS, to provide a ground reference during these
times.
Both circuits shown are simple, leaving little
room for change. One modification that might be
considered for either is to replace one of the fixed
value capacitors with a variable one, in order to be
able to trim the oscillator frequency for greater
accuracy.
ELM440
ELM440DSB
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
60Hz Out
0.1µF
+5V
1
2
3
4
8
7
6
5
27pF
3.58MHz
27pF
Figure 1. Typical Connections
Figure 2. Using the Sync Input
0.1µF
+5V
1
2
3
4
8
7
6
5
60Hz Out
27pF
3.58MHz
27pF
47K
Ω
8V
8V
+



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com