Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM440 Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM440
Description  60Hz Generator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM440 Datasheet(HTML) 1 Page - ELM Electronics

  ELM440 Datasheet HTML 1Page - ELM Electronics ELM440 Datasheet HTML 2Page - ELM Electronics ELM440 Datasheet HTML 3Page - ELM Electronics ELM440 Datasheet HTML 4Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ELM440
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
Connection Diagram
PDIP and SOIC
(top view)
VDD
VSS
1
2
3
4
8
7
6
5
60Hz Generator
The ELM440 is an 8 pin digital divider integrated
circuit, that provides both 60Hz and 1Hz outputs
from a common 3.58MHz NTSC colourburst crystal.
Externally, the designer need only provide the
crystal and two appropriate loading capacitors, as
well as a suitably bypassed power supply. Internal
oscillator circuits then use this reference frequency
to precisely derive a stable 60Hz signal. This signal
is then further divided to provide a 1Hz output.
The ELM440 can also be locked in synchronism
to an external 60 or 120 Hz line frequency signal. If
derived from the electrical grid voltage, this results in
excellent long-term stability, as the power generation
frequency is traceable to national standards. The
transition to or from sync-lock with this external
signal occurs automatically.
A reset input is also provided to restart the
internal counters, if desired. An active low signal on
this pin will force both outputs to an open or tristate
condition.
XT1
XT2
Description
• Stable 60Hz and 1Hz reference sources
• Master oscillator for clock / timekeeping functions
• DC powered backup 60Hz reference signal
Applications
Block Diagram
1 of 4
• Low power CMOS design
• Wide supply range - 3.0 to 5.5 volt operation
• Generates both 60Hz and 1Hz references
• Automatically synchronizes to the line frequency
for long term stability, when it’s available
• Uses a standard 3.58MHz crystal for the time
reference if there is no sync input
• High current drive outputs - up to 25 mA
Features
ELM440DSB
1Hz
sync
60Hz
2
3
XT1
XT2
5
sync
60Hz
Master
Oscillator
Divider
÷ 60
6
VDD
reset
1Hz
7
4
reset


Similar Part No. - ELM440

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELM440A EVERLIGHT-ELM440A Datasheet
696Kb / 10P
4PIN MINI FLAT PACKAGE SOLID STATE RELAY
More results

Similar Description - ELM440

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
MD-250-E TRIAD-MD-250-E Datasheet
55Kb / 1P
240VAC짹10%, 50/60Hz
MD-250-U TRIAD-MD-250-U Datasheet
55Kb / 1P
120VAC짹10%, 50/60Hz
MD-500-E TRIAD-MD-500-E Datasheet
55Kb / 1P
240VAC짹10%, 50/60Hz
MD-500-U TRIAD-MD-500-U Datasheet
55Kb / 1P
120VAC짹10%, 50/60Hz
MD-1000-U TRIAD-MD-1000-U Datasheet
55Kb / 1P
120VAC짹10%, 50/60Hz
MD-2000-U TRIAD-MD-2000-U Datasheet
54Kb / 1P
120VAC짹10%, 50/60Hz
MD-2400-E TRIAD-MD-2400-E Datasheet
54Kb / 1P
240VAC짹10%, 50/60Hz
WAU200-600T TRIAD-WAU200-600T Datasheet
140Kb / 1P
Primary Rating:120V 60Hz
WAU200-600-S TRIAD-WAU200-600-S Datasheet
141Kb / 1P
Primary Rating:120V 60Hz
WAU160-750-G TRIAD-WAU160-750-G Datasheet
142Kb / 1P
Primary Rating:120V 60Hz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com