Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JMCL2104FZGD-D Datasheet(PDF) 4 Page - DDK Ltd.

Part # JMCL2104FZGD-D
Description  Circular Connectors for Solder Terminations Conforming to JIS-C-5432
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

JMCL2104FZGD-D Datasheet(HTML) 4 Page - DDK Ltd.

  JMCL2104FZGD-D Datasheet HTML 1Page - DDK Ltd. JMCL2104FZGD-D Datasheet HTML 2Page - DDK Ltd. JMCL2104FZGD-D Datasheet HTML 3Page - DDK Ltd. JMCL2104FZGD-D Datasheet HTML 4Page - DDK Ltd. JMCL2104FZGD-D Datasheet HTML 5Page - DDK Ltd. JMCL2104FZGD-D Datasheet HTML 6Page - DDK Ltd. JMCL2104FZGD-D Datasheet HTML 7Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Unit:mm
http://www.ddknet.co.jp
JM Series
4
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
○ Wall Mounting Receptacle
Shell Size
A
B (max.)
C (max.)
φ D
E 0.2
F 0.5
φ G
13
M181
48.5
24.0
7 ∼ 8.7
20
26
13.0
16
M221
50.5
27.9
8 ∼ 10.5
23
29
16.6
21
M261
52.5
32.1
10 ∼ 13.0
26
32
20.8
25
M301
55.5
35.3
14 ∼ 16.0
29
35
25.0
+0.2
-0
Shell Size
A
B (max.)
C (max.)
φ D
E 0.2
F 0.5
φ G
13
M181
46.5
26.5
3.0 ∼ 8.0
20
26
13.0
16
M221
48.8
30.5
3.0 ∼ 9.0
23
29
16.6
21
M261
51.8
34.0
8.0 ∼ 12.0
26
32
20.8
25
M301
54.1
37.5
9.6 ∼ 15.0
29
35
25.0
+0.2
-0
P/N : JMWR1303M □ G-D
■ Plastic Hood Type
P/N : JMWR1303M □ GM-D
■ Metal Hood Type
②
②
③
③
④
④
⑤
⑤
⑥
⑥⑦
①
⑦
⑧
①
○ Right Angle Wall Mounting Receptacle
Shell Size
A
B (max.)
C (max.)
φ D
E 0.2
F 0.5
φG
13
M181
52.5
42.5
7 ∼ 8.7
20
26
13.0
16
M221
57.0
46.5
8 ∼ 10.5
23
29
16.6
21
M261
60.5
50.7
10 ∼ 13.0
26
32
20.8
25
M301
66.0
53.9
14 ∼ 16.0
29
35
25.0
+0
-0.2
P/N : JMWL1303M □ GM-D
■ Metal Hood Type
②③
④ ⑤
⑥⑦
⑧
①
① Connector Style
WR : Wall Mounting Receptacle
② Shell Size
13, 16, 21 and 25
③ Number of Contacts
03, 04, 05, 07, 10, 16, 19, 24, 28 and 32
④ Contact Style
M : Male Contact(Pin)
F : Female Contact(Socket)
⑤ Alternate Insert Position
Omit : Standard Position
X, Y, Z : Alternate Insert Position
⑥ Contact Plating
Omit : Silver Plating (Standard)
G : Gold Plating
⑦ Finish
D:Trivalent Chromium Treatment(Black)
① Connector Style
WR : Wall Mounting Receptacle
② Shell Size
13, 16, 21 and 25
③ Number of Contacts
03, 04, 05, 07, 10, 16, 19, 24, 28 and 32
④ Contact Style
M : Male Contact(Pin)
F : Female Contact(Socket)
⑤ Alternate Insert Position
Omit : Standard Position
X, Y, Z : Alternate Insert Position
⑥ Contact Plating
Omit : Silver Plating (Standard)
G : Gold Plating
⑦ Hood
M:Metal Hood
⑧ Finish
D:Trivalent Chromium Treatment(Black)
① Connector Style
WL : Right Angle Wall Mounting Receptacle
② Shell Size
13, 16, 21 and 25
③ Number of Contacts
03, 04, 05, 07, 10, 16, 19, 24, 28 and 32
④ Contact Style
M : Male Contact(Pin)
F : Female Contact(Socket)
⑤ Alternate Insert Position
Omit : Standard Position
X, Y, Z : Alternate Insert Position
⑥ Contact Plating
Omit : Silver Plating (Standard)
G : Gold Plating
⑦ Hood
M:Metal Hood
⑧ Finish
D:Trivalent Chromium Treatment(Black)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com