Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JMCL2104FZGD-D Datasheet(PDF) 1 Page - DDK Ltd.

Part # JMCL2104FZGD-D
Description  Circular Connectors for Solder Terminations Conforming to JIS-C-5432
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

JMCL2104FZGD-D Datasheet(HTML) 1 Page - DDK Ltd.

  JMCL2104FZGD-D Datasheet HTML 1Page - DDK Ltd. JMCL2104FZGD-D Datasheet HTML 2Page - DDK Ltd. JMCL2104FZGD-D Datasheet HTML 3Page - DDK Ltd. JMCL2104FZGD-D Datasheet HTML 4Page - DDK Ltd. JMCL2104FZGD-D Datasheet HTML 5Page - DDK Ltd. JMCL2104FZGD-D Datasheet HTML 6Page - DDK Ltd. JMCL2104FZGD-D Datasheet HTML 7Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
JM series is a miniature and lightweight circular connector with
high density insert arrangement. This connector conforms to
JIS-C-5432, Japanese Industrial Standards. Both of the plastic
hoods and the metal hoods are available for your applications.
The contacts are for solder terminations. Box mounting
receptacle connectors can be also supplied with PCB tails for
mounting to a printed circuit board to meet a wide range of
electronic devices
JM Series
Circular Connectors for Solder Terminations
Conforming to JIS-C-5432
RoHS
Compliant
RoHS
Compliant
Contact Size
#20 Contact
#16 Contact
Male Contact Diameter
1.0mm
1.6mm
Rated Voltage
250V AC(r.m.s.) or 350V DC
Rated Current
5A / Contact
10A / Contact
Applicable Cable
Conductor Diameter
1.0mm max.
1.5mm max.
Nominal Sectional Area
0.5mm
2 max.
1.25mm
2 max.
Reference Wire Size
AWG #20 max.
AWG #16 max.
Operating Temperature
− 25℃ to + 85℃
Insulation Resistance
1,000M Ω min. at 500V DC.
Dielectric Withstanding Voltage
1,000V AC(r.m.s.) at 1 minute.
Contact Resistance
  5m Ω max. at 1A DC
Vibration
Amplitude : 10-55Hz / 1.5mm
Shock
Acceleration 50G.
Durability
500 mating cycles
Humidity(Stable Condition)
40℃、90-95% , 96 hours
Heat Cycle
− 40℃ to +100℃:5 cycles
Salt Spray
5% , 35℃ , 48 hours
110609
Lock Type
Threaded
Coupling
 Item
Material / Finish
Insert
PBT Resin (UL94V-0) / Blue
Contact
Copper Alloy / Silver Plating or Gold Plating
Shell
Zinc AIIoy / Zinc Plating, Trivalent Chromium Treatment(Black)
Hood
ABS Resin(UL94V-0) / Black
Aluminum Alloy / Zinc Plating, Trivalent Chromium Treatment(Black)
Protection Cap
Aluminum Alloy / Anodized Aluminum Processing(Black)
JIS C 5432
Conforming
Standard
Safety
Standard
UL
1. Miniature and High Density
The contacts available in this series are #20 and #16
2. 5 Keys to Prevent Mismating
The shell has five keys. Alternate insert positions eliminate the connector mismating if more than one connector
with the same size and arrangement is to be used in a system. The insulator is permanently positioned in the shell
so that only a connector with the same degree of rotation can be mated with it.
3. Quick and Easy Termination
The contacts are preloaded in the connector. The solder cups are oriented in one direction to simplify termination
4. UL
UL Approved : File No E72124
◆
OUTLINE
◆
SPECIFICATIONS
◆
MATERIAL / FINISH
◆
FEATURES
Note: AWG wire sizes for reference only.


Similar Part No. - JMCL2104FZGD-D

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
JMC JST-JMC Datasheet
147Kb / 3P
JMC CONNECTOR
logo
Festo Corporation.
JMC-4-1/4 FESTO-JMC-4-1/4 Datasheet
83Kb / 1P
Air solenoid valve
logo
JIEJIE MICROELECTRONICS...
JMC090-16 JIEJIE-JMC090-16 Datasheet
179Kb / 3P
Chip - double mesa SCRs of reverse blocking high-voltage
JMC090-18 JIEJIE-JMC090-18 Datasheet
179Kb / 3P
Chip - double mesa SCRs of reverse blocking high-voltage
JMC090-20 JIEJIE-JMC090-20 Datasheet
179Kb / 3P
Chip - double mesa SCRs of reverse blocking high-voltage
More results

Similar Description - JMCL2104FZGD-D

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HMS08A18-10S-DT10D HIROSE-HMS08A18-10S-DT10D Datasheet
1Mb / 20P
MS type Lower Profile Plug(Circular connector conforming to MIL-C-5015)
logo
DDK Ltd.
CE02-6A DDK-CE02-6A Datasheet
209Kb / 4P
Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE05 DDK-CE05 Datasheet
441Kb / 10P
Waterproof Circular Connectors Conforming to European Safety Standards
CE02-6A10SL-3CS-D DDK-CE02-6A10SL-3CS-D Datasheet
751Kb / 4P
Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE05-2A10SL-3PC-D DDK-CE05-2A10SL-3PC-D Datasheet
1Mb / 10P
Waterproof Circular Connectors Conforming to European Safety Standards
EBSP1303MXG-D DDK-EBSP1303MXG-D Datasheet
281Kb / 6P
Moistureproof Circular Connectors for Solder Terminations Meeting IP55
JMSP1303MXGD-D DDK-JMSP1303MXGD-D Datasheet
324Kb / 7P
Circular Connectors for Solder Terminations Conforming to JIS-C-5432
WEBSP1303MXG-1-D DDK-WEBSP1303MXG-1-D Datasheet
301Kb / 8P
Waterproof Circular Connectors for Solder Terminations Meeting IP67
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
logo
Hirose Electric
JR HIROSE-JR_18 Datasheet
555Kb / 8P
Circular Connectors Conforming to JIS C 5432
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com