| Electronic Components Datasheet Search |
|
HT82K95A Datasheet(PDF) 19 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT82K95A Datasheet(HTML) 19 Page - Holtek Semiconductor Inc |
|
19 / 48 page ![]() HT82K95E/HT82K95A Rev. 1.20 19 October 24, 2005 The bitmaps are list as follows : Register Name R/W Register Address Bit7~Bit3 Reserved Bit 2 Bit 1 Bit 0 Default Value PIPE_CTRL R/W 01000001B ¾ Pipe 2 Pipe 1 Pipe 0 00000111 STALL R/W 01000011B ¾ Pipe 2 Pipe 1 Pipe 0 00000111 PIPE R 01000100B ¾ Pipe 2 Pipe 1 Pipe 0 00000000 Endpt_EN R/W 01000001B ¾ Pipe 2 Pipe 1 Pipe 0 00000111 PIPE_CTRL (41H), STALL (43H), PIPE (44H) and Endpt_EN (47H) Registers The SIES Register is used to indicate the present signal state which the SIE receives and also defines whether the SIE has to change the device address automatically. Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 Func. NMI EOT CRC_ERR NAK IN OUT F0_ERR Adr_set R/W R/W R R/W R R R/W R/W R/W Reg_ Adr 01000101B SIES (45H) Register Table Func. Name R/W Description Adr_ set R/W This bit is used to configure the SIE to automatically change the device address with the value of the Address+Remote_WakeUp Register (42H). When this bit is set to ²1² by F/W, the SIE will update the device address with the value of the Address+Remote_WakeUp Register (42H) after the PC Host has successfully read the data from the device by the IN operation. The SIE will clear the bit after updat- ing the device address. Otherwise, when this bit is cleared to ²0², the SIE will update the device address immediately after an address is written to the Address+Re- mote_WakeUp Register (42H) Default 0 F0_Err R/W This bit is used to indicate that some errors have occurred when accessing the FIFO0. This bit is set by SIE and cleared by F/W. Default 0 Out R/W This bit is used to indicate that an OUT token (except for the OUT zero length) has been received. The F/W clear the bit after the OUT data has been read. This bit will also be cleared by the SIE after the next valid SETUP token is received. Default 0 IN R This bit is used to indicate that the current signal the USB is receiving from the PC Host is IN token. NAK R This bit is used to indicate that the SIE is transmitting NAK signal to the Host in re- sponse to the PC Host IN or OUT token. CRC_ERR R/W This bit is used to indicate there are CRCerror (bit=1). Firmware must do something to save the device and keep it in good condition. This bit is set by SIE and cleared by F/W. EOT R End of transaction flag, normal status is 1. If suspend= ¢1¢ line & EOT=¢0¢ indicates that something is wrong in the USB Interface. Firmware in-charge must do something to save the device and keep it in good condition. NMI R/W This bit is used to control whether the USB interrupt is output to the MCU in NAK re- sponse to the PC Host IN or OUT token. 1: has only USB interrupt, data is transmitted to the PC host or data is received from the PC Host 0: always has USB interrupt if the USB accesses FIFO0 Default 0 SIES Function Table |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |