| Electronic Components Datasheet Search |
|
HT82K95A Datasheet(PDF) 31 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT82K95A Datasheet(HTML) 31 Page - Holtek Semiconductor Inc |
|
31 / 48 page ![]() MOV A,x Move immediate data to the accumulator Description The 8-bit data specified by the code is loaded into the accumulator. Operation ACC ¬ x Affected flag(s) TO PDF OV Z AC C ¾¾¾¾¾¾ MOV [m],A Move the accumulator to data memory Description The contents of the accumulator are copied to the specified data memory (one of the data memories). Operation [m] ¬ACC Affected flag(s) TO PDF OV Z AC C ¾¾¾¾¾¾ NOP No operation Description No operation is performed. Execution continues with the next instruction. Operation Program Counter ¬ Program Counter+1 Affected flag(s) TO PDF OV Z AC C ¾¾¾¾¾¾ OR A,[m] Logical OR accumulator with data memory Description Data in the accumulator and the specified data memory (one of the data memories) per- form a bitwise logical_OR operation. The result is stored in the accumulator. Operation ACC ¬ ACC ²OR² [m] Affected flag(s) TO PDF OV Z AC C ¾ ¾ ¾Ö¾ ¾ OR A,x Logical OR immediate data to the accumulator Description Data in the accumulator and the specified data perform a bitwise logical_OR operation. The result is stored in the accumulator. Operation ACC ¬ ACC ²OR² x Affected flag(s) TO PDF OV Z AC C ¾ ¾ ¾Ö¾ ¾ ORM A,[m] Logical OR data memory with the accumulator Description Data in the data memory (one of the data memories) and the accumulator perform a bitwise logical_OR operation. The result is stored in the data memory. Operation [m] ¬ACC ²OR² [m] Affected flag(s) TO PDF OV Z AC C ¾ ¾ ¾Ö¾ ¾ HT82K95E/HT82K95A Rev. 1.20 31 October 24, 2005 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |