| Electronic Components Datasheet Search |
|
HT82M99AE Datasheet(PDF) 21 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT82M99AE Datasheet(HTML) 21 Page - Holtek Semiconductor Inc |
|
21 / 47 page ![]() HT82M99EE/HT82M99AE Rev. 1.00 21 February 8, 2006 The SIES Register is used to indicate the present signal state which the USB SIE received and also determines whether the USB SIE has to change the device address automatically. Bit No. Function Read/Write Register Address 7 MNI R/W 01000101B 6 EOT R 5 CRC_ERR R/W 4 NAK R 3IN R 2 OUT R/W 1 F0_ERR R/W 0 Adr_set R/W SIES (45H) Registers Table Function Name Read/Write Description Adr_set R/W This bit is used to configure the USB SIE to automatically change the device address with the value of the Address+Remote_WakeUp Register (42H). When this bit is set to 1 by F/W, the USB SIE will update the device address with the value of the Address+Remote_WakeUp Register (42H) after the PC Host has successfully read the data from the device by the IN operation. The USB SIE will clear the bit after updating the device address. Otherwise, when this bit is cleared to ²0², the USB SIE will update the device address im- mediately after an address is written to the Address+Remote_WakeUp Register (42H). F0_Err R/W This bit is used to indicate when there are some errors that occurred when the FIFO0 is accessed. This bit is set by the USB SIE and cleared by F/W. Out R/W This bit is used to indicate that there are OUT token (except for the OUT zero) that has been received. The F/W clears the bit after the OUT data has been read. Also, this bit will be cleared by the USB SIE after the next valid SETUP token is received. IN R This bit is used to indicate that the current USB receiving signal from the PC Host is IN to- ken. NAK R This bit is used to indicate that the USB SIE has transmitted the NAK signal to the Host in response to the PC Host IN or OUT token. CRC_err R/W This bit indicates that there are CRC error (bit=1). The programmer must do something to save the device and keep it alive. This bit is set by the USB SIE and cleared by F/W. EOT R End of transient flag, normal status is ²1². If suspend=²1² line & EOT=²0² indicates that something is wrong in the USB Interface. The programmer must do something to save the device and keep it alive. MNI R/W This bit is for masking the NAK interrupt when MNI= ²1², the default value=²0² SIES Function Table |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |