Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82M99AE Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT82M99AE
Description  USB Mouse Encoder 8-Bit MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M99AE Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT82M99AE Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M99AE Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M99AE Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M99AE Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M99AE Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M99AE Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M99AE Datasheet HTML 7Page - Holtek Semiconductor Inc HT82M99AE Datasheet HTML 8Page - Holtek Semiconductor Inc HT82M99AE Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
4
¾
5.5
V
IDD
Operating Current (6MHz Crystal)
5V
No load, fSYS=6MHz
¾
79
mA
ISTB
Standby Current
5V
No load, system HALT
¾
300
500
mA
VIL1
Input Low Voltage for I/O Ports
5V
¾
0
¾
0.8
V
VIH1
Input High Voltage for I/O Ports
5V
¾
2
¾
5V
VIL2
Input Low Voltage (RES)5V
¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)5V
¾
0.9VDD
¾
VDD
V
IOL
Output Sink Current for Other Ports
PA0~PA7, PB2~PB4, PB7
5V
VOL=0.4V
24
¾
mA
IOH
Output Port Source Current
5V
VOL=3.4V
-2.5
-4
¾
mA
RPD
Pull-down Resistance for PA0~PA3, PB2
and PB3
5V
¾
10
30
50
k
W
RPH1
Pull-high Resistance for CLK and DATA
¾¾
2
4.7
6
k
W
RPH2
Pull-high Resistance for PA0~PA7,
PB2~PB4, PB7
¾¾
30
50
70
k
W
VLVR
Low Voltage Reset
5V
¾
2.4
2.7
3
V
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock (Crystal OSC)
5V
¾
6
¾
12
MHz
fRCSYS
RC Clock with 8-bit Prescaler Register
5V
¾
032
¾
kHz
tWDT
Watchdog Time-out Period (System Clock)
¾ Without WDT prescaler 1024
¾¾
tRCSYS
tRF
USBD+, USBD- Rising & falling Time
¾¾
75
¾
300
ns
tSST
System Start-up Timer Period
¾ Wake-up from HALT
¾
1024
¾
tSYS
tOSC
Crystal Setup
¾¾
¾
510
ms
Note: Power-on period=tWDT+tSST+tOSC
WDT Time-out in normal mode=1/fRCSYS
´256´WDTS+tWDT
WDT Time-out in HALT mode=1/fRCSYS
´256´WDTS+tSST+tOSC
HT82M99EE/HT82M99AE
Rev. 1.00
4
February 8, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com