Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1650 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT1650
Description  64x32 LCD Controller for I/O MCU
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1650 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT1650 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
HT1650
Rev. 1.20
9
November 10, 2005
00H
04H
08H
0CH
10H ------- 12CH
130H
134H
138H
13CH
COM0
Bit0
Bit0
Bit0
Bit0
Bit0
COM1
Bit1
Bit1
Bit1
Bit1
Bit1
COM2
Bit2
Bit2
Bit2
Bit2
Bit2
COM3
Bit3
Bit3
Bit3
Bit3
Bit3
01H
05H
09H
0DH
11H --------- 12DH
131H
135H
139H
13DH
COM4
Bit0
Bit0
Bit0
Bit0
Bit0
COM5
Bit1
Bit1
Bit1
Bit1
Bit1
COM6
Bit2
Bit2
Bit2
Bit2
Bit2
COM7
Bit3
Bit3
Bit3
Bit3
Bit3
02H
06H
0AH
0EH
12H --------- 12EH
132H
136H
13AH
13EH
COM8
Bit0
Bit0
Bit0
Bit0
Bit0
COM9
Bit1
Bit1
Bit1
Bit1
Bit1
COM10
Bit2
Bit2
Bit2
Bit2
Bit2
COM11
Bit3
Bit3
Bit3
Bit3
Bit3
03H
07H
0BH
0FH
13H --------- 12FH
133H
137H
13BH
13FH
COM12
Bit0
Bit0
Bit0
Bit0
Bit0
Bit0
COM13
Bit1
Bit1
Bit1
Bit1
Bit1
Bit1
COM14
Bit2
Bit2
Bit2
Bit2
Bit2
Bit2
COM15
Bit3
Bit3
Bit3
Bit3
Bit3
Bit3
SEG0
SEG1
SEG2
SEG3
SEG76
SEG77
SEG78
SEG79
80
´16 Selection Mode RAM Mapping Table
Name
Command Code
Function
80
´16 Mode
X100-0001-1111-XXXX
Change segment from 64 to 80 and common from 32 to 16
The default value after power ON reset is 64
´32 mode, set ²Normal² command will change 80´16 mode to 64´32
mode.
Frame Frequency
The HT1650 provides three kinds of frame frequency options by command code; 64Hz, 89Hz and 170Hz respectively.
FRAME 64Hz provides 64Hz frame frequency. FRAME 89Hz provides 89Hz frame frequency. FRAME 170Hz provides
170Hz frame frequency.
Name
Command Code
Function
FRAME 170Hz
X100-0001-1000-XXXX
Select 170Hz frame frequency
FRAME 89Hz
X100-0001-1101-XXXX
Select 89Hz frame frequency
FRAME 64Hz
X100-0001-1110-XXXX
Select 64Hz frame frequency
Frame Frequency Selection Command Code
Time Base and Watchdog Timer
- WDT
The time base generator and WDT share the same counter which is divided by 256. The IRQ clock can be programmed as
1Hz, 2Hz, ...., 128Hz output. TIMER DIS/EN/CLR, WDT DIS/EN/CLR and IRQ EN/DIS are independent from each other.
Once the WDT time-out occurs, the IRQ pin will remain at a logic low level until the CLR WDT or the IRQ DIS command
is issued.
If an external clock is selected as the system frequency source, the SYS DIS command turns out invalid and the power
down mode fails to be carried out until the external clock source is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com