Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1650 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT1650
Description  64x32 LCD Controller for I/O MCU
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1650 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT1650 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Pad No.
X
Y
Pad No.
X
Y
Pad No.
X
Y
18
-1921.00
-64.65
57
1914.90
-1751.90
96
654.90
1760.40
19
-1921.00
-164.65
58
1918.10
-1465.70
97
554.90
1760.40
20
-1921.00
-264.65
59
1918.10
-1365.70
98
454.90
1760.40
21
-1921.00
-364.65
60
1918.10
-1265.70
99
354.90
1760.40
22
-1921.00
-464.65
61
1918.10
-1165.70
100
254.90
1760.40
23
-1921.00
-564.65
62
1918.10
-1065.70
101
154.90
1760.40
24
-1921.00
-664.65
63
1918.10
-965.70
102
54.90
1760.40
25
-1921.00
-764.65
64
1918.10
-865.70
103
-45.10
1760.40
26
-1921.00
-864.65
65
1918.10
-765.70
104
-145.10
1760.40
27
-1921.00
-964.65
66
1918.10
-665.70
105
-245.10
1760.40
28
-1921.00
-1064.65
67
1918.10
-565.70
106
-345.10
1760.40
29
-1921.00
-1164.65
68
1918.10
-465.70
107
-445.10
1760.40
30
-1921.00
-1264.65
69
1918.10
-365.70
108
-545.10
1760.40
31
-1612.45
-1747.70
70
1918.10
-265.70
109
-645.10
1760.40
32
-1512.45
-1747.70
71
1918.10
-160.40
110
-745.10
1760.40
33
-1412.45
-1747.70
72
1918.10
-60.40
111
-845.10
1760.40
34
-1258.55
-1639.80
73
1918.10
39.60
112
-945.10
1760.40
35
-1115.95
-1639.80
74
1918.10
139.60
113
-1045.10
1760.40
36
-980.55
-1639.80
75
1918.10
239.60
114
-1145.10
1760.40
37
-833.65
-1639.80
76
1918.10
339.60
115
-1245.10
1760.40
38
-698.25
-1639.80
77
1918.10
439.60
116
-1345.10
1760.40
39
-552.95
-1639.80
78
1918.10
539.60
117
-1445.10
1760.40
Pad Description
Pad No.
Pad Name
I/O
Description
1~17
71~117
SEG47~SEG63
SEG0~SEG46
O
LCD segment outputs
18~33
55~70
COM31~COM16
COM0~COM15
O
LCD common outputs, under 80
´16 command mode, COM16~COM31 will
be shared with SEG64~SEG79. COM31/SEG64, COM30/SEG65,
COM29/SEG66....., COM18/SEG77, COM17/SEG78, COM16/SEG79
34
CS
I
Chip selection input with pull-high resistor. When the CS is logic high, the
data and command read from or write to the HT1650 are disabled. The serial
interface circuit is also reset. But if the CS is at a logic low level and is input to
the CS pad, the data and command transmission between the host controller
and the HT1650 are all enabled.
35
RD
I
READ clock input with pull-high resistor. Data in the RAM of the HT1650 are
clocked out on the falling edge of the RD signal. The clocked out data will ap-
pear on the data line. The host controller can use the next rising edge to latch
the clocked out data.
36
WR
I
WRITE clock input with pull-high resistor. Data on the DATA line are latched
into the HT1650 on the rising edge of the WR signal.
37~40
DB0~DB3
I/O
Parallel data input/output with pull-high resistor
41
VSS
¾ Negative power supply for logic circuit, ground
42
43
OSCI
OSCO
I
O
The OSCI and OSCO pads are connected to a 32.768kHz crystal in order to
generate a system clock. If the system clock comes from an external clock
source, the external clock source should be connected to the OSCI pad. But
if an on-chip RC oscillator is selected, the OSCI and OSCO pads can be left
open.
44
VDD
¾ Positive power supply for logic circuit
45
VLCD
I
Power supply for LCD driver circuit
46
IRQ
O
Time base or Watchdog Timer overflow flag, NMOS open drain output.
47, 48
BZ, BZ
O
2kHz or 4kHz frequency output pair (tristate output buffer)
49~53
T1~T4, T000
I
Vary bias current pin
It is usually not connected
HT1650
Rev. 1.20
4
November 10, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com