Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC87C52-12CKB Datasheet(PDF) 13 Page - TEMIC Semiconductors

Part # TSC87C52-12CKB
Description  CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC87C52-12CKB Datasheet(HTML) 13 Page - TEMIC Semiconductors

Back Button TSC87C52-12CKB Datasheet HTML 9Page - TEMIC Semiconductors TSC87C52-12CKB Datasheet HTML 10Page - TEMIC Semiconductors TSC87C52-12CKB Datasheet HTML 11Page - TEMIC Semiconductors TSC87C52-12CKB Datasheet HTML 12Page - TEMIC Semiconductors TSC87C52-12CKB Datasheet HTML 13Page - TEMIC Semiconductors TSC87C52-12CKB Datasheet HTML 14Page - TEMIC Semiconductors TSC87C52-12CKB Datasheet HTML 15Page - TEMIC Semiconductors TSC87C52-12CKB Datasheet HTML 16Page - TEMIC Semiconductors TSC87C52-12CKB Datasheet HTML 17Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
TSC87C52
13
MATRA MHS
Rev. C – 10 Sept 1997
Preliminary
Control
signals
Data In
ALE/PROG
A0–A12
Programming Cycle
1
2
3
5
4
10us
100us
D0–D7
EA/VPP
Data Out
Read/Verify Cycle
12.75V
5V
0V
Figure 9 Programming and verification signal’s waveform
Signature bytes
The TSC87C52 has four signature bytes in location 30h, 31h, 60h and 61h. To read these bytes follow the procedure
for EPROM verify but activate the control lines provided in Table 6 for Read Signature Bytes. Table 7 shows the
content of the signature byte for the TSC87C52.
Table 7 Signature bytes content
Location
Contents
Comment
30h
58h
Customer selection byte: TEMIC
31h
58h
Family selection byte: C51
60h
ADh
TSC87C52
61h
XXh
Product revision number
EPROM Erasure (Windowed Packages Only)
Erasing the EPROM erases the code array and also the encryption array returning the parts to full functionality.
Erasure leaves all the EPROM cells in a 1’s state.
Erasure Characteristics
The recommended erasure procedure is exposure to ultraviolet light (at 2537 Å) to an integrated dose at least 15
W–sec/cm2. Exposing the EPROM to an ultraviolet lamp of 12,000
µW/cm2 rating for 30 minutes, at a distance of
about 25 mm, should be sufficient.
Erasure of the EPROM begins to occur when the chip is exposed to light with wavelength shorter than approximately
4,000 Å. Since sunlight and fluorescent lighting have wavelengths in this range, exposure to these light sources over
an extended time (about 1 week in sunlight, or 3 years in room–level fluorescent lighting) could cause inadvertent
erasure. If an application subjects the device to this type of exposure, it is suggested that an opaque label be placed
over the window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com