Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC87C52-12CKB Datasheet(PDF) 21 Page - TEMIC Semiconductors

Part # TSC87C52-12CKB
Description  CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC87C52-12CKB Datasheet(HTML) 21 Page - TEMIC Semiconductors

Back Button TSC87C52-12CKB Datasheet HTML 16Page - TEMIC Semiconductors TSC87C52-12CKB Datasheet HTML 17Page - TEMIC Semiconductors TSC87C52-12CKB Datasheet HTML 18Page - TEMIC Semiconductors TSC87C52-12CKB Datasheet HTML 19Page - TEMIC Semiconductors TSC87C52-12CKB Datasheet HTML 20Page - TEMIC Semiconductors TSC87C52-12CKB Datasheet HTML 21Page - TEMIC Semiconductors TSC87C52-12CKB Datasheet HTML 22Page - TEMIC Semiconductors TSC87C52-12CKB Datasheet HTML 23Page - TEMIC Semiconductors TSC87C52-12CKB Datasheet HTML 24Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
TSC87C52
21
MATRA MHS
Rev. C – 10 Sept 1997
Preliminary
EPROM Programming and Verification Characteristics
TA = 21
°C to 27°C; VSS = 0V; VCC = 5V ± 10%.
Symbol
Parameter
Min
Max
Units
VPP
Programming Supply Voltage
12.5
13
V
IPP
Programming Supply Current
75
mA
1/TCLCL
Oscillator Frquency
4
6
MHz
TAVGL
Address Setup to PROG Low
48 TCLCL
TGHAX
Adress Hold after
PROG
48 TCLCL
TDVGL
Data Setup to PROG Low
48 TCLCL
TGHDX
Data Hold after PROG
48 TCLCL
TEHSH
(Enable) High to VPP
48 TCLCL
TSHGL
VPP Setup to PROG Low
10
µs
TGHSL
VPP Hold after PROG
10
µs
TGLGH
PROG Width
90
110
µs
TAVQV
Address to Valid Data
48 TCLCL
TELQV
ENABLE Low to Data Valid
48 TCLCL
TEHQZ
Data Float after ENABLE
0
48 TCLCL
TGHGL
PROG High to PROG Low
10
µs
EPROM Programming and Verification Waveforms
TGHGL
TGHSL
TEHSH
ALE/PROG
TAVGL
5
Pulses
TDVGL
P0
P1.0–P1.7
P2.0–P2.4
EA/VCC
CONTROL
SIGNALS
(ENABLE)
ADDRESS
DATA IN
VCC
VPP
VCC
TGHAX
TGHDX
TGLGH
TSHGL
ADDRESS
DATA OUT
TAVQV
TELQV
TEHQZ
PROGRAMMING
VERIFICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com