Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS570A Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS570A
Description  Multiplier and Zero Delay Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS570A Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS570A Datasheet HTML 1Page - Integrated Circuit Systems ICS570A Datasheet HTML 2Page - Integrated Circuit Systems ICS570A Datasheet HTML 3Page - Integrated Circuit Systems ICS570A Datasheet HTML 4Page - Integrated Circuit Systems ICS570A Datasheet HTML 5Page - Integrated Circuit Systems ICS570A Datasheet HTML 6Page - Integrated Circuit Systems ICS570A Datasheet HTML 7Page - Integrated Circuit Systems ICS570A Datasheet HTML 8Page - Integrated Circuit Systems ICS570A Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Multiplier and Zero Delay Buffer
MDS 570 I
4
Revision 030905
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS570
Clock Period Jitter Tables (ICS570A)
All jitter values are considered typical measured at 25
°C with 27Ω termination resistor and 15 pF loads on
both CLK and CLK/2. The feedback is from CLK/2 to FBIN. Note that if an output is unused, it should be left
unconnected to improve output jitter on the active output clocks.
Absolute and One Sigma Jitter (ps)
Absolute and One Sigma Jitter (ps)
Absolute and One Sigma Jitter (ps)
CLK = 50M
CLK/2 = 25M
S1
S0
CLKIN (MHz)
Multiplier
P to P
1 sigma
Multiplier
P to P
1 sigma
0
M
8.333
6x
±115
80
3x
±65
20
0
1
6.25
8x
±115
80
4x
±60
20
M
0
3.125
16x
±120
80
8x
±55
20
M
M
4.167
12x
±120
90
6x
±60
20
M
1
2.5
20x
±120
80
10x
±60
20
1
0
25
2x
±120
70
1x
±55
20
1
M
1.5625
32x
±120
80
16x
±50
20
1
1
12.5
4x
±120
80
2x
±55
20
CLK = 100M
CLK/2 = 50M
S1
S0
CLKIN (MHz)
Multiplier
P to P
1 sigma
Multiplier
P to P
1 sigma
0
M
16.667
6x
±135
100
3x
±55
20
0
1
12.5
8x
±140
100
4x
±50
20
M
0
6.25
16x
±140
110
8x
±55
20
M
M
8.333
12x
±140
110
6x
±55
20
M
1
5
20x
±135
100
10x
±50
20
1
0
50
2x
±120
90
1x
±50
20
1
M
3.125
32x
±135
100
16x
±55
20
1
1
25
4x
±130
90
2x
±65
20
CLK = 150M
CLK/2 = 75M
S1
S0
CLKIN (MHz)
Multiplier
P to P
1 sigma
Multiplier
P to P
1 sigma
0
M
25
6x
±160
120
3x
±55
20
0
1
18.375
8x
±165
120
4x
±55
20
M
0
9.375
16x
±170
120
8x
±50
20
M
M
12.5
12x
±160
120
6x
±55
20
M
1
7.5
20x
±160
120
10x
±55
20
1
0
75
2x
±155
110
1x
±55
20
1
M
4.6875
32x
±165
120
16x
±55
20
1
1
37.5
4x
±160
110
2x
±50
20



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com