Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS570A Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS570A
Description  Multiplier and Zero Delay Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS570A Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS570A Datasheet HTML 1Page - Integrated Circuit Systems ICS570A Datasheet HTML 2Page - Integrated Circuit Systems ICS570A Datasheet HTML 3Page - Integrated Circuit Systems ICS570A Datasheet HTML 4Page - Integrated Circuit Systems ICS570A Datasheet HTML 5Page - Integrated Circuit Systems ICS570A Datasheet HTML 6Page - Integrated Circuit Systems ICS570A Datasheet HTML 7Page - Integrated Circuit Systems ICS570A Datasheet HTML 8Page - Integrated Circuit Systems ICS570A Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ICS570
MDS 570 I
1
Revision 030905
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
Multiplier and Zero Delay Buffer
Description
The ICS570 is a high-performance Zero Delay Buffer
(ZDB) which integrates ICS’ proprietary analog/digital
Phase Locked Loop (PLL) techniques. The A version is
recommended for 5 V designs and the B version for
3.3 V designs. The chip is part of ICS’ ClockBlocksTM
family, and was designed as a performance upgrade to
meet today’s higher speed and lower voltage
requirements. The zero delay feature means that the
rising edge of the input clock aligns with the rising
edges of both output clocks, giving the appearance of
no delay through the device. There are two outputs on
the chip, one being a low-skew divide by two of the
other output. The device incorporates an all-chip power
down/tri-state mode that stops the internal PLL and
puts both outputs into a high impedance state.
The ICS570 is ideal for synchronizing outputs in a large
variety of systems, from personal computers to data
communications to graphics/video. By allowing off-chip
feedback paths, the device can eliminate the delay
through other devices.
The ICS570 A and B versions were designed to
improve input to output jitter from the original ICS570M
version, and are recommended for all new designs.
Features
• 8-pin SOIC package
• Available in Pb (lead) free package (A and B versions
only)
• Pin-for-pin replacement and upgrade to ICS570M
• Functional equivalent to AV9170 (not a pin-for-pin
replacement)
• Low input to output skew of 300 ps max (>60 MHz
outputs)
• Ability to choose between 14 different multipliers
from 0.5x to 32x
• Output clock frequency up to 168 MHz at 3.3 V
• Can recover degraded input clock duty cycle
• Output clock duty cycle of 45/55
• Power Down and Tri-State Mode
• Passes spread spectrum clock modulation
• Full CMOS clock swings with 25 mA drive capability
at TTL levels
• Advanced, low power CMOS process
• ICS570B has an operating voltage of 3.3 V (±5%)
• ICS570A has an operating voltage of 5.0 V (±5%)
• Industrial temperature version available
Block Diagram
Ph as e
Detec tor,
C harge
Pum p,
and Loop
F ilter
divide
by N
CL K
E xte rn al fe ed ba ck ca n c o m e from C L K or C L K /2 (s ee ta b le on pa ge 2 )
IC L K
FBIN
S1 :0
VC O
CL K 2
/2


Similar Part No. - ICS570A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS570A ICST-ICS570A Datasheet
85Kb / 6P
Multiplier and Zero Delay Buffer
Revision 102700
ICS570AI ICST-ICS570AI Datasheet
85Kb / 6P
Multiplier and Zero Delay Buffer
Revision 102700
ICS570AIT ICST-ICS570AIT Datasheet
85Kb / 6P
Multiplier and Zero Delay Buffer
Revision 102700
ICS570AT ICST-ICS570AT Datasheet
85Kb / 6P
Multiplier and Zero Delay Buffer
Revision 102700
More results

Similar Description - ICS570A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W194 CYPRESS-W194 Datasheet
102Kb / 6P
Frequency Multiplier and Zero Delay Buffer
January 5, 2000, rev. A
logo
Integrated Circuit Syst...
ICS570A ICST-ICS570A Datasheet
85Kb / 6P
Multiplier and Zero Delay Buffer
Revision 102700
ICS570B ICST-ICS570B Datasheet
96Kb / 6P
Multiplier and Zero Delay Buffer
Revision 053001
logo
Cypress Semiconductor
CY2302 CYPRESS-CY2302 Datasheet
103Kb / 7P
Frequency Multiplier and Zero Delay Buffer
logo
List of Unclassifed Man...
MK2302S-01 ETC-MK2302S-01 Datasheet
161Kb / 6P
Multiplier and Zero Delay Buffer
logo
Integrated Circuit Syst...
ICS2402 ICST-ICS2402 Datasheet
136Kb / 7P
Multiplier and Zero Delay Buffer
Revision 122104
logo
Integrated Device Techn...
ICS570-01 IDT-ICS570-01 Datasheet
164Kb / 7P
MULTIPLIER AND ZERO DELAY BUFFER
logo
Cypress Semiconductor
CY2302 CYPRESS-CY2302_05 Datasheet
84Kb / 7P
Frequency Multiplier and Zero Delay Buffer
logo
Renesas Technology Corp
MK2302-01 RENESAS-MK2302-01 Datasheet
331Kb / 8P
MULTIPLIER AND ZERO DELAY BUFFER
051310
ICS671-01 RENESAS-ICS671-01 Datasheet
338Kb / 7P
ZERO DELAY LOW SKEW BUFFER AND MULTIPLIER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com