Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS22DF Datasheet(PDF) 12 Page - STMicroelectronics

Part # LPS22DF
Description  Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22DF Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LPS22DF Datasheet HTML 8Page - STMicroelectronics LPS22DF Datasheet HTML 9Page - STMicroelectronics LPS22DF Datasheet HTML 10Page - STMicroelectronics LPS22DF Datasheet HTML 11Page - STMicroelectronics LPS22DF Datasheet HTML 12Page - STMicroelectronics LPS22DF Datasheet HTML 13Page - STMicroelectronics LPS22DF Datasheet HTML 14Page - STMicroelectronics LPS22DF Datasheet HTML 15Page - STMicroelectronics LPS22DF Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
5
FIFO
The LPS22DF embeds 128 slots of 24-bit data FIFO to store the pressure output values. This allows consistent
power saving for the system, since the host processor does not need to continuously poll data from the sensor,
but it can wake up only when needed and burst the significant data out from the FIFO. This buffer can work
according to six different modes:
Bypass mode
FIFO mode
Continuous (Dynamic-Stream) mode
Continuous (Dynamic-Stream)-to-FIFO mode
Bypass-to-Continuous (Dynamic-Stream)
Bypass-to-FIFO mode
The FIFO buffer is enabled when a configuration different from all bits '0' are written in FIFO_CTRL (14h) and
each mode is selected by the TRIG_MODES bit and F_MODE[1:0] bits in FIFO_CTRL (14h). Programmable
FIFO threshold status, FIFO overrun events and the number of unread samples stored are available in the
FIFO_STATUS1 (25h) and FIFO_STATUS2 (26h) registers and can be set to generate dedicated interrupts on the
INT_DRDY pin using the CTRL_REG3 (12h) register.
FIFO_STATUS2 (26h)(FIFO_WTM_IA) goes to '1' when the number of unread samples (FIFO_STATUS1 (25h)
(FSS[7:0]) is greater than or equal to WTM[6:0] in FIFO_WTM (15h). If FIFO_WTM (15h)(WTM[6:0]) is equal to 0,
FIFO_STATUS2 (26h)(FIFO_WTM_IA) stays at '0'.
FIFO_STATUS2 (26h)(FIFO_OVR_IA) is equal to '1' if a FIFO slot is overwritten.
FIFO_STATUS1 (25h)(FSS[7:0]) contains stored data levels of unread samples; when FSS[7:0] is equal to
‘00000000’, FIFO is empty; when FSS[7:0] is equal to ‘10000000’, FIFO is full and the unread samples are 128.
LPS22DF
FIFO
DS13316 - Rev 1
page 12/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com