Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS22DF Datasheet(PDF) 32 Page - STMicroelectronics

Part # LPS22DF
Description  Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22DF Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LPS22DF Datasheet HTML 28Page - STMicroelectronics LPS22DF Datasheet HTML 29Page - STMicroelectronics LPS22DF Datasheet HTML 30Page - STMicroelectronics LPS22DF Datasheet HTML 31Page - STMicroelectronics LPS22DF Datasheet HTML 32Page - STMicroelectronics LPS22DF Datasheet HTML 33Page - STMicroelectronics LPS22DF Datasheet HTML 34Page - STMicroelectronics LPS22DF Datasheet HTML 35Page - STMicroelectronics LPS22DF Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
Figure 22. "Threshold-based" interrupt event
P_DIFF_IN
Negative
Threshold positive value
Threshold negative value
Positive
To enable the AUTOZERO mode, the AUTOZERO bit must be set to '1' and then the measured pressure value
is used as the reference and stored in the register REF_P (REF_P_L (16h), REF_P_H (17h)). From this point
on, the output pressure value (PRESS_OUT_XL (28h), PRESS_OUT_L (29h), PRESS_OUT_H (2Ah)) is updated
with the difference between the measured pressure and REF_P.
P_DIFF_IN = measured pressure - REF_P
PRESS_OUT = measured pressure - REF_P
After the first conversion, the AUTOZERO bit is automatically set back to '0'. In order to return back to normal
mode, the RESET_AZ bit in the INTERRUPT_CFG (0Bh) register has to be set to '1'. This also resets the content
of the REF_P registers to 0.
AUTOREFP mode allows using the pressure differential for the generation of the interrupt keeping the output
pressure registers PRESS_OUT (PRESS_OUT_XL (28h), PRESS_OUT_L (29h), PRESS_OUT_H (2Ah)) without
comparing REF_P. If the AUTOREFP bit is set to '1', the measured output pressure is used as the reference in the
register REF_P (REF_P_L (16h), REF_P_H (17h)) for interrupt generation with following:
P_DIFF_IN = measured pressure - REF_P
The output registers PRESS_OUT (28h, 29h and 2Ah) are not changed by REF_P and shows as follows.
PRESS_OUT = measured pressure
After the first conversion, the AUTOREFP bit is automatically set to '0'. In order to return back to normal mode, the
RESET_ARP bit has to be set to '1'
9.2
THS_P_L (0Ch)
User-defined threshold value for pressure interrupt event (Least significant bits) (R/W)
7
6
5
4
3
2
1
0
THS7
THS6
THS5
THS4
THS3
THS2
THS1
THS0
THS[7:0]
This register contains the low part of threshold value for pressure interrupt generation.
Default value: 00h
The threshold value for pressure interrupt generation is a 15-bit unsigned right-justified value composed of
THS_P_H (0Dh) and THS_P_L (0Ch).The value is expressed as:
THS_P (15-bit unsigned) = Desired interrupt threshold (hPa) x 16
To enable the interrupt event based on this user-defined threshold, the PHE bit or PLE bit (or both bits) in
INTERRUPT_CFG (0Bh) has to be enabled.
LPS22DF
THS_P_L (0Ch)
DS13316 - Rev 1
page 32/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com