Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS33K Datasheet(PDF) 13 Page - STMicroelectronics

Part # LPS33K
Description  MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33K Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LPS33K Datasheet HTML 9Page - STMicroelectronics LPS33K Datasheet HTML 10Page - STMicroelectronics LPS33K Datasheet HTML 11Page - STMicroelectronics LPS33K Datasheet HTML 12Page - STMicroelectronics LPS33K Datasheet HTML 13Page - STMicroelectronics LPS33K Datasheet HTML 14Page - STMicroelectronics LPS33K Datasheet HTML 15Page - STMicroelectronics LPS33K Datasheet HTML 16Page - STMicroelectronics LPS33K Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
5.2.1
I²C operation
The transaction on the bus is started through a START (ST) signal. A start condition is defined as a HIGH-to-LOW
transition on the data line while the SCL line is held HIGH. After this has been transmitted by the master, the bus
is considered busy. The next data byte transmitted after the start condition contains the address of the slave in the
first 7 bits and the eighth bit tells whether the master is receiving data from the slave or transmitting data to the
slave. When an address is sent, each device in the system compares the first seven bits after a start condition
with its address. If they match, the device considers itself addressed by the master.
The slave address (SAD) associated to the LPS33K is 1011101b.
Data transfer with acknowledge is mandatory. The transmitter must release the SDA line during the acknowledge
pulse. The receiver must then pull the data line LOW so that it remains stable low during the HIGH period of the
acknowledge clock pulse. A receiver which has been addressed is obliged to generate an acknowledge after each
byte of data received.
The I²C embedded inside the ASIC behaves like a slave device and the following protocol must be adhered to.
After the start condition (ST) a slave address is sent, once a slave acknowledge has been returned (SAK), an 8-
bit sub-address will be transmitted (SUB): the 7 LSB represent the actual register address while the MSB has no
meaning. The IF_ADD_INC bit in CTRL_REG2 (11h) enables sub-address auto increment (IF_ADD_INC is '1' by
default), so if IF_ADD_INC = '1' the SUB (sub-address) will be automatically increased to allow multiple data read/
write.
The slave address is completed with a Read/Write bit. If the bit is ‘1’ (Read), a repeated START (SR) condition
must be issued after the two sub-address bytes; if the bit is ‘0’ (Write) the master will transmit to the slave with
direction unchanged. The following table explains how the SAD+read/write bit pattern is composed, listing all the
possible configurations.
Table 10. SAD+Read/Write patterns
Command
SAD[6:0]
R/W
SAD+R/W
Read
1011101
1
10111011 (BBh)
Write
1011101
0
10111010 (BAh)
Table 11. Transfer when master is writing one byte to slave
Master
ST
SAD + W
SUB
DATA
SP
Slave
SAK
SAK
SAK
Table 12. Transfer when master is writing multiple bytes to slave
Master
ST
SAD + W
SUB
DATA
DATA
SP
Slave
SAK
SAK
SAK
SAK
Table 13. Transfer when master is receiving (reading) one byte of data from slave
Master
ST
SAD + W
SUB
SR
SAD + R
NMAK
SP
Slave
SAK
SAK
SAK
DATA
Table 14. Transfer when master is receiving (reading) multiple bytes of data from slave
Master
ST
SAD+W
SUB
SR
SAD+R
MAK
MAK
NMAK
SP
Slave
SAK
SAK
SAK
DATA
DATA
DATA
LPS33K
I²C serial interface
DS12817 - Rev 3
page 13/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com