Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS33K Datasheet(PDF) 27 Page - STMicroelectronics

Part # LPS33K
Description  MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33K Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LPS33K Datasheet HTML 23Page - STMicroelectronics LPS33K Datasheet HTML 24Page - STMicroelectronics LPS33K Datasheet HTML 25Page - STMicroelectronics LPS33K Datasheet HTML 26Page - STMicroelectronics LPS33K Datasheet HTML 27Page - STMicroelectronics LPS33K Datasheet HTML 28Page - STMicroelectronics LPS33K Datasheet HTML 29Page - STMicroelectronics LPS33K Datasheet HTML 30Page - STMicroelectronics LPS33K Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
Contents
1
Block diagram and pin description .................................................2
2
Mechanical and electrical specifications ...........................................3
2.1
Mechanical characteristics ....................................................... 3
2.2
Electrical characteristics......................................................... 4
2.3
Communication interface characteristics ........................................... 5
2.3.1
I²C - inter-IC control interface ............................................... 5
2.4
Absolute maximum ratings....................................................... 6
3
Functionality ......................................................................7
3.1
Sensing element ............................................................... 7
3.2
IC interface.................................................................... 7
3.3
Factory calibration.............................................................. 7
3.4
Device structure ............................................................... 8
3.5
Interpreting pressure readings.................................................... 9
4
Application hints .................................................................10
4.1
Soldering information .......................................................... 11
5
Digital interfaces .................................................................12
5.1
IC serial interface ............................................................. 12
5.2
I²C serial interface ............................................................. 12
5.2.1
I²C operation ........................................................... 13
6
Register map .....................................................................15
7
Register description ..............................................................16
7.1
WHO_AM_I (0Fh) ............................................................. 16
7.2
CTRL_REG1 (10h) ............................................................ 16
7.3
CTRL_REG2 (11h) ............................................................ 18
7.4
RPDS_L (18h) ................................................................ 19
7.5
RPDS_H (19h)................................................................ 19
7.6
RES_CONF (1Ah)............................................................. 19
7.7
STATUS (27h) ................................................................ 20
7.8
PRESS_OUT_XL (28h) ........................................................ 20
LPS33K
Contents
DS12817 - Rev 3
page 27/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com