Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGAP2SMTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGAP2SMTR
Description  STGAP2S
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2SMTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGAP2SMTR Datasheet HTML 2Page - STMicroelectronics STGAP2SMTR Datasheet HTML 3Page - STMicroelectronics STGAP2SMTR Datasheet HTML 4Page - STMicroelectronics STGAP2SMTR Datasheet HTML 5Page - STMicroelectronics STGAP2SMTR Datasheet HTML 6Page - STMicroelectronics STGAP2SMTR Datasheet HTML 7Page - STMicroelectronics STGAP2SMTR Datasheet HTML 8Page - STMicroelectronics STGAP2SMTR Datasheet HTML 9Page - STMicroelectronics STGAP2SMTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Symbol
Pin
Parameter
Test conditions
Min.
Typ.
Max.
Unit
RGON
-
Source RDS_ON
IGON =100 mA
-
1.125
1.5
Ω
IGOFF
-
Sink short-circuit current
TJ =25 °C
-
4
-
A
TJ =-40 ÷ +125 °C(1)
3
-
5
VGOFFL
-
Sink output low level voltage
IGOFF =100 mA
-
96
120
mV
RGOFF
-
Sink RDS_ON
IGOFF =100 mA
-
0.96
1.2
Ω
Miller Clampfunction (STGAP2SC only)
VCLAMPth
-
CLAMP voltage threshold
VCLAMP vs. GNDISO
1.3
2
2.6
V
ICLAMP
-
CLAMP short-circuit current
VCLAMP =15 V
TJ =25 °C
TJ =-40 ÷ +125 °C(1)
-
A
-
4
-
2
-
5
VCLAMP_L
-
CLAMP low level output
voltage
ICLAMP =100 mA
-
96
115
mV
RCLAMP
-
CLAMP RDS_ON
ICLAMP =100 mA
-
0.96
1.15
Ω
Overtemperature protection
TSD
-
Shutdown temperature
-
170
-
-
°C
Thys
-
Temperature hysteresis
-
-
20
-
°C
Standby
tSTBY
-
Standby time
See Section 5.3
200
280
500
µs
tWUP
-
Wake-up time
See Section 5.3
10
20
35
µs
tawake
-
Wake-up delay
See Section 5.3
90
140
200
µs
tstbyfilt
-
Standby filter
See Section 5.3
200
280
800
ns
1. Characterization data, not tested in production.
Table 6. Isolation related package specifications
Parameter
Symbol
Value
Unit
Conditions
Clearance
(Minimum External Air Gap )
CLR
4
mm
Measured from input terminals to output terminals,
shortest distance through air
Creepage (*)
(Minimum External Tracking)
CPG
4
mm
Measured from input terminals to output terminals,
shortest distance path along body
Comparative Tracking Index
(Tracking Resistance)
CTI
≥ 400
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
II
Material Group (DIN VDE 0110, 1/89, Table 1)
STGAP2S
Electrical characteristics
DS12541 - Rev 3
page 6/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com