Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGAP2SMTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGAP2SMTR
Description  STGAP2S
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2SMTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGAP2SMTR Datasheet HTML 3Page - STMicroelectronics STGAP2SMTR Datasheet HTML 4Page - STMicroelectronics STGAP2SMTR Datasheet HTML 5Page - STMicroelectronics STGAP2SMTR Datasheet HTML 6Page - STMicroelectronics STGAP2SMTR Datasheet HTML 7Page - STMicroelectronics STGAP2SMTR Datasheet HTML 8Page - STMicroelectronics STGAP2SMTR Datasheet HTML 9Page - STMicroelectronics STGAP2SMTR Datasheet HTML 10Page - STMicroelectronics STGAP2SMTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Table 7. Isolation characteristics
Parameter
Symbol
Test conditions
Characteristic
Unit
Input to Output test voltage
In accordance with VDE 0884-11
VPR
Method a, Type test
2720
VPEAK
VPR = 2720, tm = 10 s
Partial discharge < 5 pC
Method b1, 100 % Production test
3200
VPEAK
VPR = 3200, tm = 1 s
Partial discharge < 5 pC
Transient Overvoltage
(Highest Allowable Overvoltage)
VIOTM
tini = 60 s, Type test
4800
VPEAK
Maximum Surge Test Voltage
VIOSM
Type test
4800
VPEAK
Isolation Resistance
RIO
VIO = 500 V, Type test
>109
Ω
Table 8. UL 1577 isolation voltage ratings
Description
Symbol
Characteristic
Unit
Isolation Withstand Voltage, 1 min (Type test)
VISO
2828/4000
Vrms/ PEAK
Isolation Voltage, 1 sec (100% production)
VISOtest
3394/4800
Vrms/ PEAK
Recognized under the UL 1577 Component Recognition Program - file number E362869.
STGAP2S
Electrical characteristics
DS12541 - Rev 3
page 7/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com