Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUHS Datasheet(PDF) 12 Page - COSEL CO., LTD.

Part # TUHS
Description  AC-DC Power Supplies PCB Mount Type
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

TUHS Datasheet(HTML) 12 Page - COSEL CO., LTD.

Back Button TUHS Datasheet HTML 6Page - COSEL CO., LTD. TUHS Datasheet HTML 7Page - COSEL CO., LTD. TUHS Datasheet HTML 8Page - COSEL CO., LTD. TUHS Datasheet HTML 9Page - COSEL CO., LTD. TUHS Datasheet HTML 10Page - COSEL CO., LTD. TUHS Datasheet HTML 11Page - COSEL CO., LTD. TUHS Datasheet HTML 12Page - COSEL CO., LTD. TUHS Datasheet HTML 13Page - COSEL CO., LTD. TUHS Datasheet HTML 14Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Mounting method
¡
The unit can be mounted in any direction. When two or more power supplies are used side by side, position them with proper intervals
to allow enough air ventilation. The temperature around each power supply should not exceed the temperature range shown in derating
curve.
¡
Avoid placing the AC input line pattern layout underneath the unit.It will increase the line conducted noise. Make sure to leave an ample
distance between the line pattern layout and the unit. Also avoid placing the DC output line pattern underneath the unit because it may
increase the output noise. Lay out the pattern away from the unit.
¡
Avoid placing the signal line pattern layout underneath the unit because the power supply might become unstable. Lay out the pattern
away from the unit.
Stress to the pins
¡
Applying excessive stress to the input or output pins of the power module may damage
internal connections. Avoid applying stress in excess of that shown in right figure.
¡
Input/output pin are soldered to the PCB internally. Do not pull or bend a lead powerfully.
¡
If it is expected that stress is applied to the input/output pin due to vibration or impact,
reduce the stress to the pin by taking such measures as fixing the unit to the PCB by sili-
cone rubber, etc.
Soldering
¡
Flow soldering: 260C for up to 15 seconds.
¡
Soldering iron (26W): 450C for up to 5 seconds.
¿
TUHS3/TUHS5
AC1
AC2
+BC
-BC
-Vout
+Vout
Bottom View
¿
TUHS10/TUHS15
AC2 2
AC1 1
+ BC 34 - BC
6
- Vout
5
+ Vout
Bottom View
¿
TUHS25
AC1 1
AC2 2
+ BC 34 -BC
6
- Vout
5
+ Vout
Bottom View
No.
Pin
Connection
Function
1
AC1
AC input
2
AC2
3
+BC
+BC output
4
-BC
-BC output
5
+VOUT
+DC output
6
-VOUT
-DC output
Less than
19.6N(2kgf)
Less than
19.6N(2kgf)
Less than
19.6N(2kgf)
¿
Derating curve for input voltage
AC50V
DC70V
AC85V
DC120V
50
100
Vin
(a)TUHS3
AC50V
DC70V
AC85V
DC120V
40
100
V
in
(b)TUHS5,TUHS10,TUHS15,TUHS25
TUHS-12
Implementation
・Mounting Method
Derating
Pin Configuration
TUHS-series
January 31, 2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com