Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUHS Datasheet(PDF) 2 Page - COSEL CO., LTD.

Part # TUHS
Description  AC-DC Power Supplies PCB Mount Type
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

TUHS Datasheet(HTML) 2 Page - COSEL CO., LTD.

  TUHS Datasheet HTML 1Page - COSEL CO., LTD. TUHS Datasheet HTML 2Page - COSEL CO., LTD. TUHS Datasheet HTML 3Page - COSEL CO., LTD. TUHS Datasheet HTML 4Page - COSEL CO., LTD. TUHS Datasheet HTML 5Page - COSEL CO., LTD. TUHS Datasheet HTML 6Page - COSEL CO., LTD. TUHS Datasheet HTML 7Page - COSEL CO., LTD. TUHS Datasheet HTML 8Page - COSEL CO., LTD. TUHS Datasheet HTML 9Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TUHS-2
TUHS3
AC-DC Power Supplies PCB Mount Type
TUH
S
3
F
05
Ordering information
1Series name
2Single output
3Output wattage
4Universal Input
5Output voltage
R
1
2
3
4
5
*Avoid short circuit between +BC and -BC. It may cause the failure of inside components.
*To use TUHS, external components are required. Refer to the instruction manual for details.
MODEL
TUHS3F05
TUHS3F12
TUHS3F15
TUHS3F24
MAX OUTPUT WATTAGE[W]
3.00
3.00
3.00
3.12
DC OUTPUT
5V 0.6A
12V 0.25A
15V 0.2A
24V 0.13A
SPECIFICATIONS
MODEL
TUHS3F05
TUHS3F12
TUHS3F15
TUHS3F24
INPUT
VOLTAGE[V]
AC85 - 264 1f DC120 - 370
CURRENT[A]
ACIN 100V 0.08typ (Io=100%)
ACIN 200V 0.05typ (Io=100%)
FREQUENCY[Hz]
50/60 (47 - 63)
EFFICIENCY[%]
ACIN 100V 79typ
81typ
81typ
81typ
ACIN 200V 78typ
79typ
79typ
79typ
INRUSH CURRENT
Limited by external components
OUTPUT
VOLTAGE[V]
5
12
15
24
CURRENT[A]
0.6
0.25
0.2
0.13
LINE REGULATION[mV]
20max
48max
60max
96max
LOAD REGULATION[mV]
40max
100max
120max
150max
RIPPLE[mVp-p]
30 to 100% Load *1 120max
160max
160max
200max
0 to 30% Load
AC85V - 240V *1 400max
480max
480max
580max
RIPPLE
NOISE[mVp-p]
30 to 100% Load *1 160max
200max
200max
240max
0 to 30% Load
AC85V - 240V *1 480max
560max
560max
660max
TEMPERATURE
REGULATION[mV]
0 to +85C 100max
180max
240max
360max
-40 to +85C 150max
270max
360max
480max
DRIFT[mV]
*2
20max
48max
60max
96max
OUTPUT VOLTAGE SETTING[V] 4.90 - 5.30
11.40 - 12.60
14.25 - 15.75
23.00 - 25.00
PROTECTION CIRCUIT
AND OTHERS
OVERCURRENT PROTECTION
Works over 105% of rating and recover automatically
OVERVOLTAGE PROTECTION[V] 5.50 - 8.00
13.20 - 19.20
16.50 - 24.00
26.40 - 38.40
ISOLATION
INPUT-OUTPUT
AC3,000V 1minute, Cutoff current = 10mA, DC500V 50MW min (20
±15C)
ENVIRONMENT
OPERATINGTEMP.,HUMID.AND ALTITUDE -40 to +85C, 20 - 95%RH (Non condensing) (Refer to “Derating”), 3,000m (10,000 feet) max
STORAGETEMP.,HUMID.AND ALTITUDE
-40 to +100C, 20 - 95%RH (Non condensing), 9,000m (30,000 feet) max
VIBRATION
10 - 55Hz, 49.0m/s2 (5G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
196.1m/s2 (20G), 11ms, once each along X, Y and Z axis
SAFETY
AND NOISE
REGULATIONS
AGENCY APPROVALS
UL60950-1, C-UL (CSA60950-1), EN62368-1
CONDUCTED NOISE
Complies with FCC-B,VCCI-B,CISPR-B,EN55022-B *3
HARMONIC ATTENUATOR Complies with IEC61000-3-2 (Class A) (Not built-in to active filter)
OTHERS
CASE SIZE/WEIGHT
28.7X12.7X17.5mm[1.13X0.50X0.69 inches] (WXHXD) / 15g max
COOLING METHOD
Convection / Forced air
*1
Refer to instruction manual for measuring method of electric characteristics.
*2
Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C, with the input voltage held constant at the rated value.
*3
Do not ground secondly circuit, in case of a standard adapted.
*
Measured with 18μF capasitor as Cbc.
ClassⅡ
January 31, 2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com