Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEO3910PDT-D Datasheet(PDF) 6 Page - STMicroelectronics

Part # LEO3910PDT-D
Description  Rad-hard plastic 2 A positive low drop voltage regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEO3910PDT-D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LEO3910PDT-D Datasheet HTML 2Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 3Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 4Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 5Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 6Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 7Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 8Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 9Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
5
Electrical characteristics
VI = VO + 2.5 V, Tj = +25 °C, CI = 10 µF, CO = 10 µF tantalum, unless otherwise specified.
Table 4. Electrical characteristics
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit
VI
Input voltage
IO = 1 A, TJ= -40 to 125 °C
3
12
V
VADJ
Reference voltage
IO = 5 mA, VO = VADJ,TJ= -40 to 125 °C
1.19 1.23 1.27
V
∆VO/∆Vi
Line regulation
VI = VO+2.5 V to 12 V, IO = 5 mA
-
0.07
-
%
∆VO/∆IO
Load regulation
VI = VO+2.5 V, IO = 5 mA to 1 A
-
0.4
-
%
ISHORT
Output current limit(1)
Adjustable by external resistor
1
3.8
-
A
Vd
Dropout voltage
IO = 400 mA, Vout = 3 V, TJ = -40 to 125 °C
-
0.35
0.7
V
IO = 1 A, Vout = 3 V, TJ= -40 to 125 °C
-
0.5
1
V
IO = 2 A, Vout = 3 V, TJ = -40 to 125 °C
-
0.75
1.5
V
Iq
Quiescent current
VI = VO+2.5 V to 12 V,
IO = 5 mA, on mode
-
1.6
6
mA
VI = VO+2.5 V to 12 V,
IO = 30 mA, on mode
-
2.7
8
mA
VI = VO+2.5 V to 12 V,
IO = 300 mA, on mode
-
11
25
mA
VI = VO+2.5 V to 12 V,
IO = 1 A, on mode
-
32
62
mA
VI = 12 V VINH = 3 V, off mode
-
0.3
-
mA
SVR
Supply voltage rejection(1)
VI = VO+2.5 V ± 1 V,
IO = 5 mA,
VO=3 V, f = 33 kHz
-
50
-
dB
VINH (OFF)
Inhibit turn-off voltage
IO = 5 mA, TJ = -40 to 125 °C
2.4
-
-
V
VINH (ON)
Inhibit turn-on voltage
IO = 5 mA, TJ= -40 to 125 °C
-
-
0.8
V
IINH
Shutdown input current
VINH = 5 V
-
120
-
µA
VOCML
Overcurrent monitor voltage low
IOCM = 10 mA (sunk current), VI = 12 V
-
0.4
-
V
VOCMH
Overcurrent monitor voltage high
IOCM = -10 µA (sourced current)
VI = VO+2.5 V to 12 V
-
VI
-
V
eN
Output noise voltage(1)
B= 10 Hz to 100 kHz
IO = 5 mA to 2 A
-
40
-
µVrms/V
1. These values are guaranteed by design.
LEO3910
Electrical characteristics
DS13691 - Rev 2
page 6/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com