Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEO3910PDT-D Datasheet(PDF) 18 Page - STMicroelectronics

Part # LEO3910PDT-D
Description  Rad-hard plastic 2 A positive low drop voltage regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEO3910PDT-D Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LEO3910PDT-D Datasheet HTML 13Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 14Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 15Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 16Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 17Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 18Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 19Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 20Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
11
Ordering information
Table 9. Ordering information
Order code
Quality level
Package
Lead-finish
Marking
Packing
LEO3910PDT-D
Engineering sample
POWER-SO 20
NiPdAu
DLEO3910
Tape and reel
LEO3910PDT(1)
Flight model
POWER-SO 20
NiPdAu
LEO3910PDT
Tape and reel
1. Under development
Figure 25. POWER-SO 20 marking
Table 10. Order code
LEO
3910
PD
T
LEO qualification
Product
POWER-SO 20 package
Tape and reel
LEO3910
Ordering information
DS13691 - Rev 2
page 18/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com