Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEOAC08 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LEOAC08
Description  Rad-hard plastic Quad two-input AND gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOAC08 Datasheet(HTML) 3 Page - STMicroelectronics

  LEOAC08 Datasheet HTML 1Page - STMicroelectronics LEOAC08 Datasheet HTML 2Page - STMicroelectronics LEOAC08 Datasheet HTML 3Page - STMicroelectronics LEOAC08 Datasheet HTML 4Page - STMicroelectronics LEOAC08 Datasheet HTML 5Page - STMicroelectronics LEOAC08 Datasheet HTML 6Page - STMicroelectronics LEOAC08 Datasheet HTML 7Page - STMicroelectronics LEOAC08 Datasheet HTML 8Page - STMicroelectronics LEOAC08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
2
Maximum ratings and operating conditions
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC (1)
Maximum power supply between VCC and GND
-0.5 to 7
V
VIN
DC input voltage range
-0.5 to VCC +0.5 (and 7 V max.)
V
VOUT
DC output voltage range
-0.5 to VCC + 0.5 (and 7 V max.)
V
IK
I/O clamp diode current
+/-20
mA
Tstg
Maximum temperature storage
-65 to +150
°C
Tj (2)
Maximum junction temperature
+150
°C
Rth (3)
Junction to ambient thermal resistance (Θja)
80
°C/W
Junction to case thermal resistance (Θjc)
17
°C/W
ESD
HBM (human body model)
2k
V
CDM (charged device model)
1k
V
1. All voltages, except differential I/O bus voltage, are with respect to the network ground terminal .
2. Maximum junction temperature shall not be exceeded except for allowable short duration burn-in screening conditions as
per the method 5004 of MIL-STD-883.
3. Short-circuits can cause excessive heating. Destructive dissipation can result from short-circuits on the amplifiers.
Table 3. Operating conditions
Symbol
Parameter
Min.
Max.
Unit
VCC
Analog supply voltage
2
6
V
VIN
Input voltage range
0
VCC
V
VOUT
Output voltage range
0
VCC
V
Ta
Ambient temperature range
-40
+125
°C
Note:
All unused inputs must be held at VCC or GND to ensure proper device operation.
LEOAC08
Maximum ratings and operating conditions
DS13855 - Rev 2
page 3/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com