Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHFAHC00K01V Datasheet(PDF) 7 Page - STMicroelectronics

Part # RHFAHC00K01V
Description  Rad-Hard, quad high speed NAND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFAHC00K01V Datasheet(HTML) 7 Page - STMicroelectronics

Back Button RHFAHC00K01V Datasheet HTML 3Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 4Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 5Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 6Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 7Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 8Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 9Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 10Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
5
Test circuit for AC characteristics
Figure 3. Test configuration
50Ω line
CL
10pF
High impedance input of
the instrumentation
Figure 4. Timings
Figure 5. Output timings
Note:
1.
CL = 10 pF or equivalent (includes probe and jig capacitance).
2.
Timing parameters are tested at a minimum input frequency of 1 MHz.
3.
The outputs are measured one at a time with one transition per measurement.
RHFAHC00
Test circuit for AC characteristics
DS12465 - Rev 2
page 7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com