Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHFAHC00K01V Datasheet(PDF) 1 Page - STMicroelectronics

Part # RHFAHC00K01V
Description  Rad-Hard, quad high speed NAND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFAHC00K01V Datasheet(HTML) 1 Page - STMicroelectronics

  RHFAHC00K01V Datasheet HTML 1Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 2Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 3Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 4Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 5Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 6Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 7Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 8Page - STMicroelectronics RHFAHC00K01V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Features
•
1.8 V to 3.3 V nominal supply
•
3.6 V max. operating
•
4.8 V AMR
•
Very high speed: propagation delay of 3 ns maximum guaranteed
•
Pure CMOS process
•
CMOS output
•
Ultra low power
•
300 krad TID targeted
•
125 MeV.cm2/mg SEL free
•
62.5 MeV.cm2/mg SET free
Applications
•
Oscillators in space applications
•
FPGA
•
Microcontrollers
Description
The RHFAHC00 device is a very high speed pure CMOS quad 2-input NAND gate,
designed for radiation hardness and characterized in total ionization dose (TID) and
single event effect (SEE).
It is available in die-form and in hermetic ceramic Flat 14-lead screened as per MIL-
PRF-38535 to comply with the needs of space applications. It can work from -55 °C
to +125 °C ambient temperature.
Product status link
RHFAHC00
Rad-Hard, quad high speed NAND gate
RHFAHC00
Datasheet
DS12465 - Rev 2 - July 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - RHFAHC00K01V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFAC00D03V STMICROELECTRONICS-RHFAC00D03V Datasheet
1Mb / 29P
Rad-hard advanced high-speed 5 V CMOS logic series
23-May-2013
RHFAC00K01V STMICROELECTRONICS-RHFAC00K01V Datasheet
1Mb / 29P
Rad-hard advanced high-speed 5 V CMOS logic series
23-May-2013
RHFAC00K02V STMICROELECTRONICS-RHFAC00K02V Datasheet
1Mb / 29P
Rad-hard advanced high-speed 5 V CMOS logic series
23-May-2013
RHFAC00K1 STMICROELECTRONICS-RHFAC00K1 Datasheet
1Mb / 29P
Rad-hard advanced high-speed 5 V CMOS logic series
23-May-2013
RHFAC02D03V STMICROELECTRONICS-RHFAC02D03V Datasheet
1Mb / 29P
Rad-hard advanced high-speed 5 V CMOS logic series
23-May-2013
More results

Similar Description - RHFAHC00K01V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC00 STMICROELECTRONICS-M54HC00_04 Datasheet
104Kb / 8P
RAD-HARD QUAD 2-INPUT NAND GATE
Mar-2004
M54HC02 STMICROELECTRONICS-M54HC02_04 Datasheet
105Kb / 8P
RAD-HARD QUAD 2-INPUT NOR GATE
Mar-2004
M54HC03 STMICROELECTRONICS-M54HC03_04 Datasheet
103Kb / 7P
RAD-HARD QUAD 2-INPUT OPEN DRAIN NAND GATE
Mar-2004
M54HC10 STMICROELECTRONICS-M54HC10_04 Datasheet
104Kb / 8P
RAD-HARD TRIPLE 3-INPUT NAND GATE
Mar-2004
M54HC20 STMICROELECTRONICS-M54HC20_04 Datasheet
104Kb / 8P
RAD-HARD DUAL 4-INPUT NAND GATE
Apr-2004
M54HC30 STMICROELECTRONICS-M54HC30_04 Datasheet
115Kb / 8P
RAD-HARD 8-INPUT NAND GATE
Apr-2004
M54HC32 STMICROELECTRONICS-M54HC32_04 Datasheet
103Kb / 7P
RAD-HARD QUAD 2-INPUT OR GATE
Apr-2004
M54HC86 STMICROELECTRONICS-M54HC86_04 Datasheet
181Kb / 9P
RAD HARD QUAD EXCLUSIVE OR GATE
01-Jun-2004
M54HC132 STMICROELECTRONICS-M54HC132_04 Datasheet
104Kb / 7P
RAD-HARD QUAD 2-INPUT SCHMITT NAND GATE
Mar-2004
LEOAC00 STMICROELECTRONICS-LEOAC00 Datasheet
1Mb / 17P
Rad-hard plastic quad 2-input NAND gate
30-Aug-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com