Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHRDAC1612 Datasheet(PDF) 13 Page - STMicroelectronics

Part # RHRDAC1612
Description  Rad-hard high resolution DAC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHRDAC1612 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button RHRDAC1612 Datasheet HTML 9Page - STMicroelectronics RHRDAC1612 Datasheet HTML 10Page - STMicroelectronics RHRDAC1612 Datasheet HTML 11Page - STMicroelectronics RHRDAC1612 Datasheet HTML 12Page - STMicroelectronics RHRDAC1612 Datasheet HTML 13Page - STMicroelectronics RHRDAC1612 Datasheet HTML 14Page - STMicroelectronics RHRDAC1612 Datasheet HTML 15Page - STMicroelectronics RHRDAC1612 Datasheet HTML 16Page - STMicroelectronics RHRDAC1612 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
RHRDAC1612
DAC operation
DocID029369 Rev 2
13/47
4.2
DAC configuration registers
Figure 9: Data and control frame format
Address = 01h
Configuration bit register: this 8-bit register is used to configure and control the
DAC.
Offset byte register: this 8-bit register is used to read the result of the offset
calibrati
on of the DAC. The result is in two’s complement format. If the value is in
the range of 01h to FEh, the auto-calibration has gone well. If the value is 00h or
FFh, the device cannot compensate the offset and there is an internal problem. If
the result is 80h, the device has no offset error to compensate.
Address = 02h
DAC data byte: this 16-bit register is used to set the output voltage of the DAC.
Table 5: "DAC configuration bits and function" shows the name and the function of each bit.
Table 5: DAC configuration bits and function
Address
Config.
bit/data
Name
POR or
ASRSTN
value
Read/Write
possibilities
Description
01h
0 = LSB
CAL
0
Read
This bit gives the calibration status. If
set to 0, it indicates calibration is
ongoing. If set to 1, it indicates
calibration is complete. This bit is
cleared to 0 after reading the
configuration bit register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com