Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHRDAC1612 Datasheet(PDF) 28 Page - STMicroelectronics

Part # RHRDAC1612
Description  Rad-hard high resolution DAC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHRDAC1612 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button RHRDAC1612 Datasheet HTML 24Page - STMicroelectronics RHRDAC1612 Datasheet HTML 25Page - STMicroelectronics RHRDAC1612 Datasheet HTML 26Page - STMicroelectronics RHRDAC1612 Datasheet HTML 27Page - STMicroelectronics RHRDAC1612 Datasheet HTML 28Page - STMicroelectronics RHRDAC1612 Datasheet HTML 29Page - STMicroelectronics RHRDAC1612 Datasheet HTML 30Page - STMicroelectronics RHRDAC1612 Datasheet HTML 31Page - STMicroelectronics RHRDAC1612 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
DAC operation
RHRDAC1612
28/47
DocID029369 Rev 2
4.17
VREFOUT output
This pin is used to provide a power supply through AVCC to the external reference
connected to VREFIN (see Figure 14: "Internal switches for boost sequence"). This output
is directly driven by the PDN pin and when the RHRDAC1612 is set in standby, VREFOUT
is disconnected from AVCC thereby putting the reference voltage in standby. The internal
switch can handle up to 12 mA allowing connection to a wide range of external references.
Table 10: VREFOUT behavior vs. PDN and ARSTN
PDN
ARSTN
VREFOUT
0
0
HiZ
0
1
1
0
1
1
AVCC
4.18
TESTA and TESTD pins
TESTA and TESTD pins are used for making industrial tests on the ATE. These pins are
not used in normal operation. TESTA must be left floating and TESTD must be
connected to DGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com