Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHRPM4423K01V Datasheet(PDF) 8 Page - STMicroelectronics

Part # RHRPM4423K01V
Description  Rad-hard 4.5 A dual inverting low-side MOSFET driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHRPM4423K01V Datasheet(HTML) 8 Page - STMicroelectronics

Back Button RHRPM4423K01V Datasheet HTML 4Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 5Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 6Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 7Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 8Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 9Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 10Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 11Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISINK
Sink peak current (1)
VCC = 10 V
Inputs at low level
COUT to GND = 10 nF
4.5
A
VOH
High level output voltage, VCC-
VOUT
Inputs at high level
OUTH_1 ≡ OUTL_1
OUTH_2 ≡ OUTL_2
IOUT = 1 mA
10
mV
VOL
Low level output voltage, VOUT
Inputs at low level
OUTH_1 ≡ OUTL_1
OUTH_2 ≡ OUTL_2
IOUT = 1 mA
10
mV
tR
Output rise time
VCC = 10 V
OUTH_1 ≡ OUTL_1
OUTH_2 ≡ OUTL_2
COUT to GND = 10 nF
30
ns
tF
Output fall time
VCC = 10 V
OUTH_1 ≡ OUTL_1
OUTH_2 ≡ OUTL_2
COUT to GND = 10 nF
30
ns
Propagation delay
tD
Input- to-output delay time
VCC = 10 V
OUTH_1 ≡ OUTL_1
OUTH_2 ≡ OUTL_2
COUT to GND = 10 nF
110
ns
Matching between propagation
delays (1)
-5
5
ns
1. Parameter guaranteed at design level and characterized, not tested in production.
RHRPM4423
Electrical characteristics
DS11827 - Rev 3
page 8/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com