Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGP8M120DF3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGP8M120DF3
Description  Trench gate field-stop, 1200 V, 8 A, low-loss M series IGBT in a TO-220 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP8M120DF3 Datasheet(HTML) 5 Page - STMicroelectronics

  STGP8M120DF3 Datasheet HTML 1Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 2Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 3Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 4Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 5Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 6Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 7Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 8Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Power dissipation vs case temperature
IGBT140920161248PDT
150
100
50
0
0
50
100
150
P TOT
(W)
T C (°C)
V GE ≥ 15 V,
T J ≤ 175 °C
Figure 2. Collector current vs case temperature
IGBT140920161249CCT
16
12
8
4
0
0
50
100
150
I C
(A)
T C (°C)
V GE ≤ 15 V,
T J ≥ 175 °C
Figure 3. Output characteristics (TJ = 25 °C)
IGBT140920161249OC25
24
16
8
0
0
1
2
3
4
5
I C
(A)
V CE (V)
V GE = 15 V
13 V
11 V
9 V
7 V
Figure 4. Output characteristics (TJ = 175 °C)
IGBT140920161250OC175
24
16
8
0
0
1
2
3
4
5
I C
(A)
V CE (V)
V GE = 15 V
13 V
11 V
9 V
7 V
Figure 5. VCE(sat) vs junction temperature
IGBT140920161250VCET
3
2.5
2
1.5
1
-50
0
50
100
150
VCE(sat)
TJ (°C)
VGE = 15 V
IC = 16 A
IC = 8 A
IC = 4 A
Figure 6. VCE(sat) vs collector current
IGBT140920161250VCEC
3
2.5
2
1.5
1
0
4
8
12
VCE(sat)
IC (A)
VGE = 15 V
TJ = 175 °C
TJ = 25 °C
TJ = -40 °C
STGP8M120DF3
Electrical characteristics (curves)
DS11847 - Rev 2
page 5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com