Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGP8M120DF3 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGP8M120DF3
Description  Trench gate field-stop, 1200 V, 8 A, low-loss M series IGBT in a TO-220 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP8M120DF3 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGP8M120DF3 Datasheet HTML 4Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 5Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 6Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 7Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 8Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 9Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 10Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 11Page - STMicroelectronics STGP8M120DF3 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Figure 19. Short-circuit time and current vs VGE
IGBT140920161256SCV
40
30
20
10
0
50
40
30
20
10
9
10
11
12
13
14
15
VGE (V)
VCC ≤ 600 A, TJ ≤ 150 °C
tSC
ISC
tsc
(µs)
Isc
(A)
Figure 20. Switching times vs collector current
IGBT140920161257STC
10 2
10 1
10 0
0
4
8
12
t
(ns)
IC (A)
VCC = 600 V, VGE = 15 V,
RG = 33 Ω, TJ = 175 °C
tf
td(off)
td(on)
tr
Figure 21. Switching times vs gate resistance
IGBT140920161258STR
100
10
1
0
40
80
120
t
(ns)
RG (Ω)
VCC = 600 V, VGE = 15 V,
IC = 8 A, TJ = 175 °C
tf
td(off)
td(on)
tr
Figure 22. Reverse recovery current vs diode current
slope
IGBT140920161259RRC
30
25
20
15
10
5
250
550
850
1150
Irrm
(A)
di/dt (A/µs)
VCC = 600 V, VGE = 15 V,
IF = 8 A, TJ = 175 °C
Figure 23. Reverse recovery time vs diode current slope
IGBT140920161259RRT
500
400
300
200
250
550
850
1150
trr
(ns)
di/dt (A/µs)
VCC = 600 V, VGE = 15 V,
IF = 8 A, TJ = 175 °C
Figure 24. Reverse recovery charge vs diode current
slope
IGBT140920161259RRQ
2
1.9
1.8
1.7
250
550
850
1150
Qrr
(µC)
di/dt (A/µs)
VCC = 600 V, VGE = 15 V,
IF = 8 A, TJ = 175 °C
STGP8M120DF3
Electrical characteristics (curves)
DS11847 - Rev 2
page 8/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com