Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGYA75H120DF2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGYA75H120DF2
Description  Trench gate field-stop, 1200 V, 75 A, high-speed H series IGBT in a Max247 long leads package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGYA75H120DF2 Datasheet(HTML) 1 Page - STMicroelectronics

  STGYA75H120DF2 Datasheet HTML 1Page - STMicroelectronics STGYA75H120DF2 Datasheet HTML 2Page - STMicroelectronics STGYA75H120DF2 Datasheet HTML 3Page - STMicroelectronics STGYA75H120DF2 Datasheet HTML 4Page - STMicroelectronics STGYA75H120DF2 Datasheet HTML 5Page - STMicroelectronics STGYA75H120DF2 Datasheet HTML 6Page - STMicroelectronics STGYA75H120DF2 Datasheet HTML 7Page - STMicroelectronics STGYA75H120DF2 Datasheet HTML 8Page - STMicroelectronics STGYA75H120DF2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Max247 long leads
TAB
1
2
3
1
2
3
TAB
C(2, TAB)
E(3)
NG1E3C2T
G(1)
Features
•
Maximum junction temperature: TJ = 175 °C
•
5 μs of short-circuit withstand time
•
VCE(sat) = 2.1 V (typ.) @ IC = 75 A
•
Tight parameter distribution
•
Positive VCE(sat) temperature coefficient
•
Low thermal resistance
•
Very fast recovery antiparallel diode
Applications
•
UPS
•
Solar inverters
•
Welding
•
PFC
Description
This device is IGBT developed using an advanced proprietary trench gate field-
stop structure. This device is part of the H series of IGBTs, which represent
an optimum compromise between conduction and switching losses to maximize
the efficiency of high switching frequency converters. Moreover, a slightly positive
VCE(sat) temperature coefficient and very tight parameter distribution result in safer
paralleling operation.
Product status link
STGYA75H120DF2
Product summary
Order code
STGYA75H120DF2
Marking
G75H120DF2
Package
Max247 long leads
Packing
Tube
Trench gate field-stop, 1200 V, 75 A, high-speed H series IGBT
in a Max247 long leads package
STGYA75H120DF2
Datasheet
DS13822 - Rev 2 - October 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STGYA75H120DF2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGYA120M65DF2 STMICROELECTRONICS-STGYA120M65DF2 Datasheet
958Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 120 A low loss
12-Aug-2016
STGYA120M65DF2AG STMICROELECTRONICS-STGYA120M65DF2AG Datasheet
2Mb / 14P
Automotive-grade trench gate field-stop, 650 V, 120 A, low-loss, M series IGBT in a Max247 long leads package
16-Nov-2022
STGYA50H120DF2 STMICROELECTRONICS-STGYA50H120DF2 Datasheet
2Mb / 15P
Trench gate field-stop, 1200 V, 50 A, high-speed H series IGBT in a Max247 long leads package
12-Jan-2022
STGYA50M120DF3 STMICROELECTRONICS-STGYA50M120DF3 Datasheet
2Mb / 15P
Trench gate field-stop, 1200 V, 50 A, low-loss M series IGBT in a Max247 long leads package
01-Oct-2021
More results

Similar Description - STGYA75H120DF2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW15H120DF2 STMICROELECTRONICS-STGW15H120DF2 Datasheet
832Kb / 18P
Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
04-Mar-2015
STGW15H120F2 STMICROELECTRONICS-STGW15H120F2 Datasheet
801Kb / 17P
Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
01-Apr-2015
STGW25H120DF2 STMICROELECTRONICS-STGW25H120DF2 Datasheet
737Kb / 17P
Trench gate field-stop IGBT, H series 1200 V, 25 A high speed
06-Mar-2015
STGW25H120F2 STMICROELECTRONICS-STGW25H120F2 Datasheet
957Kb / 17P
Trench gate field-stop IGBT, H series 1200 V, 25 A high speed
23-Mar-2015
STGW40H120DF2 STMICROELECTRONICS-STGW40H120DF2 Datasheet
821Kb / 17P
Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
28-Jun-2016
STGW40H120F2 STMICROELECTRONICS-STGW40H120F2 Datasheet
1,002Kb / 17P
Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
25-Mar-2015
STGYA50H120DF2 STMICROELECTRONICS-STGYA50H120DF2 Datasheet
2Mb / 15P
Trench gate field-stop, 1200 V, 50 A, high-speed H series IGBT in a Max247 long leads package
12-Jan-2022
STGYA50M120DF3 STMICROELECTRONICS-STGYA50M120DF3 Datasheet
2Mb / 15P
Trench gate field-stop, 1200 V, 50 A, low-loss M series IGBT in a Max247 long leads package
01-Oct-2021
STGWA75H65DFB2 STMICROELECTRONICS-STGWA75H65DFB2 Datasheet
560Kb / 15P
Trench gate field-stop, 650 V, 75 A, high-speed HB2 series IGBT in a TO‑247 long leads package
13-Feb-2020
STGYA120M65DF2AG STMICROELECTRONICS-STGYA120M65DF2AG Datasheet
2Mb / 14P
Automotive-grade trench gate field-stop, 650 V, 120 A, low-loss, M series IGBT in a Max247 long leads package
16-Nov-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com