Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STRH12P10GY1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STRH12P10GY1
Description  Rad-Hard 100 V, 12 A, P-channel Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH12P10GY1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STRH12P10GY1 Datasheet HTML 3Page - STMicroelectronics STRH12P10GY1 Datasheet HTML 4Page - STMicroelectronics STRH12P10GY1 Datasheet HTML 5Page - STMicroelectronics STRH12P10GY1 Datasheet HTML 6Page - STMicroelectronics STRH12P10GY1 Datasheet HTML 7Page - STMicroelectronics STRH12P10GY1 Datasheet HTML 8Page - STMicroelectronics STRH12P10GY1 Datasheet HTML 9Page - STMicroelectronics STRH12P10GY1 Datasheet HTML 10Page - STMicroelectronics STRH12P10GY1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Figure 9. Normalized V(BR)DSS vs temperature
Figure 10. Static drain-source on-resistance
Figure 11. Normalized gate threshold voltage vs
temperature
Figure 12. Normalized on-resistance vs temperature
Figure 13. Source drain-diode forward characteristics
STRH12P10
Electrical characteristics (curves)
DS8699 - Rev 9
page 7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com