Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STRH12P10GY1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STRH12P10GY1
Description  Rad-Hard 100 V, 12 A, P-channel Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH12P10GY1 Datasheet(HTML) 1 Page - STMicroelectronics

  STRH12P10GY1 Datasheet HTML 1Page - STMicroelectronics STRH12P10GY1 Datasheet HTML 2Page - STMicroelectronics STRH12P10GY1 Datasheet HTML 3Page - STMicroelectronics STRH12P10GY1 Datasheet HTML 4Page - STMicroelectronics STRH12P10GY1 Datasheet HTML 5Page - STMicroelectronics STRH12P10GY1 Datasheet HTML 6Page - STMicroelectronics STRH12P10GY1 Datasheet HTML 7Page - STMicroelectronics STRH12P10GY1 Datasheet HTML 8Page - STMicroelectronics STRH12P10GY1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TO-257 AA
2
1
3
The case is not connected to any lead
D(1)
G(3)
S(2)
SCO6140p
Features
VDS
ID
RDS(on) typ.
Qg
100 V
12 A
265 mΩ
40 nC
•
Fast switching
•
100% avalanche tested
•
Hermetic package
•
100 krad TID
•
SEE radiation hardened
Description
The STRH12P10 is a P-channel Power MOSFET able to operate under severe
environment conditions and radiation exposure.
It provides high reliability performance and immunity to the total ionizing dose (TID)
and single event effects (SEE).
Qualified as per ESCC detail specification No. 5205/029 and available in TO-257AA
hermetic package, it is specifically recommended for space and harsh environment
applications and suitable for in-Satellite power conversion, motor control and power
switch circuits.
In case of discrepancies between this datasheet and the relevant agency
specification, the latter takes precedence.
Product summary
Product summary
Part
numbers
Quality
level
ESCC part
number
Package
Lead
finish
Radiation
level
STRH12P10GY1
Engineering
model
-
TO-257AA
Gold
-
STRH12P10GYG
ESCC
flight
5205/029
100 krad
STRH12P10GYT
Solder
dip
100 krad
Note:
See Table 8 for ordering information.
Product status link
STRH12P10
Rad-Hard 100 V, 12 A, P-channel Power MOSFET
STRH12P10
Datasheet
DS8699 - Rev 9 - May 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STRH12P10GY1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STRH12P10ESY1 STMICROELECTRONICS-STRH12P10ESY1 Datasheet
411Kb / 12P
Fast switching
19-Mar-2007
STRH12P10ESY3 STMICROELECTRONICS-STRH12P10ESY3 Datasheet
411Kb / 12P
Fast switching
19-Mar-2007
More results

Similar Description - STRH12P10GY1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
JANSR2N7403 INTERSIL-JANSR2N7403 Datasheet
45Kb / 8P
22A, -100V, 0.140 Ohm, Rad Hard, P-Channel Power MOSFET
June 1998
JANSR2N7404 INTERSIL-JANSR2N7404 Datasheet
45Kb / 8P
15A, -200V, 0.290 Ohm, Rad Hard, P-Channel Power MOSFET
June 1998
JANSR2N7411 INTERSIL-JANSR2N7411 Datasheet
45Kb / 8P
2.5A, -100V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFET
June 1998
logo
STMicroelectronics
STRH8N10 STMICROELECTRONICS-STRH8N10 Datasheet
501Kb / 18P
Rad-Hard N-channel 100 V, 6 A Power MOSFET
09-Nov-2011
STRH40N6 STMICROELECTRONICS-STRH40N6 Datasheet
444Kb / 16P
Rad-Hard N-channel 60 V, 30 A Power MOSFET
03-Oct-2012
STRH40P10 STMICROELECTRONICS-STRH40P10 Datasheet
405Kb / 18P
Rad-Hard P-channel 100 V, 34 A Power MOSFET
09-Nov-2011
STRH100N6 STMICROELECTRONICS-STRH100N6 Datasheet
408Kb / 18P
Rad-Hard N-channel, 60 V, 80 A Power MOSFET
09-Nov-2011
STRH100N10 STMICROELECTRONICS-STRH100N10 Datasheet
474Kb / 17P
Rad-Hard 100 V, 48 A N-channel Power MOSFET
09-Nov-2011
logo
Sensitron
SRADM1006 SENSITRON-SRADM1006 Datasheet
152Kb / 2P
HERMETIC RAD HARD POWER MOSFET
SRADM1008 SENSITRON-SRADM1008 Datasheet
153Kb / 2P
HERMETIC RAD HARD POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com