Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLSD-TH Datasheet(PDF) 22 Page - Omron Electronics LLC

Part # WLSD-TH
Description  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLSD-TH Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button WLSD-TH Datasheet HTML 18Page - Omron Electronics LLC WLSD-TH Datasheet HTML 19Page - Omron Electronics LLC WLSD-TH Datasheet HTML 20Page - Omron Electronics LLC WLSD-TH Datasheet HTML 21Page - Omron Electronics LLC WLSD-TH Datasheet HTML 22Page - Omron Electronics LLC WLSD-TH Datasheet HTML 23Page - Omron Electronics LLC WLSD-TH Datasheet HTML 24Page - Omron Electronics LLC WLSD-TH Datasheet HTML 25Page - Omron Electronics LLC WLSD-TH Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
WL-N/WLM-N
22
Specifications
Ratings
Screw Terminals
Note: 1. The above figures are for steady-state currents.
2. Inductive loads have a power factor of 0.4 min. (AC) and a time constant of 7 ms max. (DC).
3. A lamp load has an inrush current of 10 times the steady-state current.
4. A motor load has an inrush current of 6 times the steady-state current.
5. For PC loads, use the microload models.
* For high-sensitivity switches.
Operation indicator Switches
Characteristics
Note: 1. The above figures are initial values.
2. The figures in parentheses for dielectric strength are those for the highsensitivity switches models.
*1. The values are calculated at an operating temperature of +5
°C to +35°C and an operating humidity of 40% to 70% RH. Contact your OMRON
sales representative for more detailed information on other operating environments.
*2. High-sensitivity Switches and Switches with Flexible Rod Actuators: 10 million operations min.
500,000 operations min. for weather-proof models.
*3. Durability is 500,000 operations min. for high-sensitivity models.
500,000 operations min. for weather-proof models.
Contact your OMRON representative for information on Environment-resistant Switches.
*4. Switches with Connectors: 1,500 V.
*5. Except Switches with Flexible Rod Actuators.
*6. For low-temperature models this is -40
°C to +40°C (with no icing). For heatresistant models the range is +5°C to +120°C.
General-purpose/ Environment-resistant Switches
Item
Rated voltage
(V)
Non-inductive load (A)
Inductive load (A)
Resistive load
Lamp load
Inductive load
Motor load
NC
NO
NC
NO
NC
NO
NC
NO
Basic or high-precision
AC
125
250
500
10
10
10
3
2
1.5
1.5
1
0.8
10
10
3
5
3
1.5
2.5
1.5
0.8
DC
8
14
30
125
250
10
10
6
0.8
0.4
6
6
4
0.2
0.1
3
3
3
0.2
0.1
10
10
6
0.8
0.4
6
6
4
0.2
0.1
High-sensitivity Switches
AC
125
250
5
5
----
----
----
DC
125
250
0.4
0.2
----
----
----
Inrush current
NC
30 A max.(15 A max. *)
NO
20 A max.(10 A max. *)
Minimum applicable load
5 VDC 1 mA, resistive load, P level
Model
Item
Max. rated voltage
Leakage current (mA)
WL-LE-N
Neon lamp
125 AC
Approx. 0.6
250 AC
Approx. 1.9
WL-LD-N
LED
10 to 24 VAC/DC
Approx. 0.4
115 VAC/DC
Approx. 0.5
Degree of protection
IP67
Durability *1
Mechanical
15,000,000 operations min. *2
Electrical
750,000 operations min. *3
Operating speed
1 mm/s to 1 m/s (in case of WLCA2-N)
Operating frequency
Mechanical
120 operations/minute min.
Electrical
30 operations/minute min.
Rated frequency
50/60 Hz
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance
25 m
Ω max. (initial value for the built-in switch when tested alone)
Dielectric strength
Between terminals of the same polarity
1,000 VAC (600 VAC), 50/60 Hz for 1 min
Between currentcarrying metal part and ground
2,200 VAC (1,500 VAC), 50/60 Hz for 1 min *4
Between each terminal and non-currentcarrying metal part 2,200 VAC (1,500 VAC), 50/60 Hz for 1 min *4
Vibration resistance
Malfunction
10 to 55 Hz, 1.5-mm double amplitude *5
Shock
resistance
Destruction
1,000 m/s2 max.
Malfunction
300 m/s2 *5
Ambient operating temperature
-10 to +80
°C (with no icing) *6
Ambient operating humidity
35% to 95% RH
Weight
Approx. 255 g (in case of WLCA2-N)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com