Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLSD-TH Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # WLSD-TH
Description  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLSD-TH Datasheet(HTML) 3 Page - Omron Electronics LLC

  WLSD-TH Datasheet HTML 1Page - Omron Electronics LLC WLSD-TH Datasheet HTML 2Page - Omron Electronics LLC WLSD-TH Datasheet HTML 3Page - Omron Electronics LLC WLSD-TH Datasheet HTML 4Page - Omron Electronics LLC WLSD-TH Datasheet HTML 5Page - Omron Electronics LLC WLSD-TH Datasheet HTML 6Page - Omron Electronics LLC WLSD-TH Datasheet HTML 7Page - Omron Electronics LLC WLSD-TH Datasheet HTML 8Page - Omron Electronics LLC WLSD-TH Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
WL-N/WLM-N
3
Environment-resistant Switches
Item
Environment-resistant
Type
Model
Application
Environment-resistant construction
Applicable models
Airtight seal
WL
@-55-N
For uses in locations sub-
ject to cutting oil or water
Uses an airtight built-in switch.
Note: Use the SC Connector for the conduit opening.
All models except the low-
temperature and heat-re-
sistant models
Note: Models can be produced
using standard
actuators.
Hermetic seal
(Molded terminals/
Anti-coolant)
WL
@-139-N
Refer to page 29 for information on the environ-
ment-resistant construction of Switches with Her-
metic Seals.
All models except the low-
temperature and heat-re-
sistant models
Note: Models can be produced
using standard
actuators. Only the
WLCA2-N, WLGCA2-N,
or WLG2-N can be
produced for the WL
@-
141-N and WL
@-145-N.
WL
@-140-N
WL
@-141-N
WL
@-145-N
WL
@-RP40-N
WL
@-RP60-N
Low-temperature
WL
@-TC-N
Can be used at a tempera-
ture of –40
°C (operating
temperature range: –40 to
40
°C), but cannot with-
stand icing.
• Uses a general-purpose built-in switch.
• Epichlorhydrin rubber is used for rubber parts
such as the O-ring, gasket, etc.
All models except airtight
seal, hermetic seal, heat-
resistant, corrosion-proof,
and indicator-equipped
models
Heat-resistant
WL
@-TH-N
Can be used in tempera-
tures of 120
°C (operating
temperature range: 5 to
120
°C).
• Fluorine rubber is used for rubber parts such as
the O-ring, gasket, etc.
All models except airtight
seal, hermetic seal, heat-
resistant, corrosion-proof,
and indicator-equipped, ny-
lon roller (WLCA2-26N-N),
seal roller models, and res-
in rod (WLNJ-2-N) models
Corrosion-proof
WL
@-RP-N
For use in locations sub-
ject to corrosive gases and
chemicals.
• Diecast parts, such as the switch box, are made
of corrosion-proof aluminum.
• Rubber sealing parts are made of fluorine
rubber, which aids in resisting oils and
chemicals.
• Exposed nuts and screws (except the actuator
section) are made of stainless steel.
• Moving and rotary parts such as rollers are
made of sintered stainless steel or stainless
steel.
• The Head, box, and cover are yellow.
All models except fork lever
lock (WLCA32-41 to -44-
N), low-temperature, heat-
resistant, and indicator-
equipped models
Weather-proof
WL
@-P1-N
For use in parking lots and
other outdoor locations.
• Rubber parts are made from epichlorhydrin
rubber, which has a high-tolerance to changes in
temperature.
• Rollers are made of stainless steel to improve
corrosion resistance.
• Exposed nuts and screws are made of stainless
steel.
Only basic (WLCA2-N/
CA12-N/CL-N), and high-
sensitivity overtravel
(WLG2-N/G12-N/GL-N)
models (excluding heat-re-
sistant models).
This does not apply to Low-
temperature or Heat-resis-
tance, or Indicator-
equipped Switches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com