| Electronic Components Datasheet Search |
|
RZ/N2L Datasheet(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/N2L Datasheet(HTML) 9 Page - Renesas Technology Corp |
|
9 / 127 page ![]() Table 1.11 Safety (2 of 2) Feature Functional description Isolated peripherals ● Safety dedicated peripherals are available: – GPT: 4 ch – SCI: 1 ch – IIC: 1 ch – SPI: 1 ch – CRC: 1 unit – RTC: 1 unit – GPIO: Sharable with normal GPIO – On-chip system SRAM with ECC ● They are mapped independently from normal peripherals so that access protection can be done by EL2 MPU. Table 1.12 Security Feature Functional description Security*1 ● Secure boot ● JTAG authentication ● SCI/USB boot authentication ● Cryptographic accelerators – Symmetric Cipher: AES 128/192/256 bits with CBC/ECB/CTR/GCM/XTS – Asymmetric Cipher: ECC 256 bits, RSA 1024/2048/3072 bits, RSAES-OAEP – Hash: SHA-1, SHA-2 – Message authentication: HMAC, CMAC, GMAC – Signature algorithms: ECDSA with NIST P-256, RSASSA-PSS, RSASSA-PKCS1 ● TRNG Note 1. For details, contact our sales representative. Table 1.13 Debug Feature Functional description Debugging interface ● CoreSight architecture designed by Arm ● Debugging function by the JTAG/SWD interface, and trace function by the trace port interface Table 1.14 External host interface Feature Functional description Serial host interface (SHOSTIF) ● Serial communication is possible in slave mode. ● Supported interface – Motorola Serial Peripheral Interface (4-wire SPI) – Enhanced SPI Modes with Dual, Quad, or Octal SPI ● Serial clock polarity switching ● Serial clock phase switching ● Single Data Transfer ● Data size is up to 32 bits × 64 burst Parallel host interface (PHOSTIF) ● Synchronous/Asynchronous SRAM Interface Mode ● Synchronous Burst SRAM Type Transfer Mode ● Bus width: 8 or 16 bits ● Synchronous relations – HCKIO synchronous ● Write buffer ● Read buffer ● Multiplexing of addresses and data (Synchronous Burst SRAM Type only) Mailbox and semaphore (MBXSEM) ● Eight semaphores ● Four 32-bit mailboxes for both external host CPU to Cortex-R52 and Cortex-R52 to external host CPU ● Interrupts can be generated and cleared from both external host CPU and Cortex-R52 RZ/N2L Datasheet 1. Overview R01DS0397EJ0120 Rev.1.20 Sep 30, 2022 Page 9 of 127 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |