Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/N2L Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # RZ/N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/N2L Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button RZ/N2L Datasheet HTML 86Page - Renesas Technology Corp RZ/N2L Datasheet HTML 87Page - Renesas Technology Corp RZ/N2L Datasheet HTML 88Page - Renesas Technology Corp RZ/N2L Datasheet HTML 89Page - Renesas Technology Corp RZ/N2L Datasheet HTML 90Page - Renesas Technology Corp RZ/N2L Datasheet HTML 91Page - Renesas Technology Corp RZ/N2L Datasheet HTML 92Page - Renesas Technology Corp RZ/N2L Datasheet HTML 93Page - Renesas Technology Corp RZ/N2L Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 127 page
background image
Table 2.36
xSPI timing
Parameter
Symbol
1.8 V
3.3 V
Unit
Reference
figure
Min.
Max.
Min.
Max.
Cycle time
SDR
tPERIOD
7.5
—
13.3
—
ns
Figure 2.73
DDR
10.0
—
13.3
—
ns
Clock output slew rate
tSRck
0.75/0.56*2
—
0.56
—
V/ns
Clock Duty cycle distortion
tCKDCD
0.0
tPERIOD ×
0.05
0.0
tPERIOD
× 0.05
ns
Clock Minimum Pulse width
tCKMPW
tPERIOD ×
0.45
—
tPERIOD ×
0.45
—
ns
Differential clock crossing voltage
VOX(AC) 0.4 × VCC18 0.6 × VCC18 —
—
V
DS Duty cycle distortion
tDSDCD
0.0
tPERIOD ×
0.04
0.0
tPERIOD
× 0.04
ns
DS Minimum Pulse width
tDSMPW
tPERIOD ×
0.41
—
tPERIOD ×
0.41
—
ns
Data input/output slew rate
tSR
0.75/0.56*2
—
0.56
—
V/ns
Data input setup time (to CK)
SDR
tSU
2.0
—
2.4
—
ns
Figure 2.74
Data input hold time (to CK)
tH
1.0
—
1.0
—
ns
Data output delay time
tOD
—
1.0*3
—
1.4*3
ns
Data output hold time
tOH
-1.0
—
-2.3
—
ns
Data output buffer off time
tBOFF
-1.0
—
-2.3
—
ns
Data input setup time (to DS)
DDR*1
*3
tSU
-0.8
—
-0.8
—
ns
Figure 2.75,
Figure 2.76
Data input hold time (to DS)
tH
tPERIOD ×
0.41 - 0.8
—
tPERIOD ×
0.41 - 0.8
—
ns
Data output setup time (to CK)
tSUO
1.0
—
1.0
—
ns
Data output hold time (to CK)
tHO
1.0
—
1.0
—
ns
CS Low to Clock High
tCSLCKH 6.0/8.0*2 *4
—
8.0*4
—
ns
Figure 2.74
to Figure
2.76
Clock Low to CS High
tCKLCSH 6.0/8.0*2
—
8.0
—
ns
CS High time
tCSTD
1
16
1
16
tPERIOD
DS Low to CS High
tDSLCSH 6.0/8.0*2
—
10.6
—
ns
Figure 2.77
CS High to DS Tri-State
tCSHDST 0.0
tPERIOD
0.0
tPERIOD
ns
CS Low to DS Low
tCSLDSL
0.0
—
0.0
—
ns
DS Tri-State to CS Low
tDSTCSL 0.0
—
0.0
—
ns
Note 1. The DS shift setting (WRAPCFG.DSSFTCSx[4:0]) is 01000b for xSPI200.
Note 2. Specification at 133 MHz / Specification at 100 MHz
Note 3. These are values when the OEN assertion is extended in the Output Enable Asserting extension bit (COMCFG.OEASTEX = 1).
Note 4. These are the values when the CS assertion is extended in the CS asserting extension bit (LIOCFGCSn.CSASTEX = 1).
RZ/N2L Datasheet
2. Electrical Characteristics
R01DS0397EJ0120 Rev.1.20
Sep 30, 2022
Page 90 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com