Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT86RF401 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT86RF401
Description  Smart RF Wireless Data Microtransmitter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF401 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT86RF401 Datasheet HTML 17Page - ATMEL Corporation AT86RF401 Datasheet HTML 18Page - ATMEL Corporation AT86RF401 Datasheet HTML 19Page - ATMEL Corporation AT86RF401 Datasheet HTML 20Page - ATMEL Corporation AT86RF401 Datasheet HTML 21Page - ATMEL Corporation AT86RF401 Datasheet HTML 22Page - ATMEL Corporation AT86RF401 Datasheet HTML 23Page - ATMEL Corporation AT86RF401 Datasheet HTML 24Page - ATMEL Corporation AT86RF401 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
21
AT86RF401
1424F–RKE–12/03
SRAM Data Memory
Figure 10 shows how the AT86RF401 SRAM memory is organized.
Figure 10. SRAM Organization
The lower 224 Data Memory locations address the Register File, the I/O Memory and
the internal data SRAM. The first 96 locations address the Register File + I/O Memory,
and the next 128 locations address the internal data SRAM.
The five different addressing modes for the data memory cover: Direct, Indirect with Dis-
placement, Indirect, Indirect with Pre-decrement, and Indirect with Post-increment. In
the register file, registers R26 to R31 feature the indirect addressing pointer registers.
The direct addressing reaches the entire data space.
The Indirect with Displacement mode features a 63 address locations reach from the
base address given by the Y or Z register.
When using register indirect addressing modes with automatic pre-decrement and post-
increment, the address registers X, Y and Z are decremented and incremented.
The 32 general-purpose working registers, 64 I/O registers and the 128 bytes of internal
data SRAM in the AT86RF401 are all accessible through all these addressing modes.
Program and Data
Addressing Modes
The AT86RF401 AVR Enhanced RISC microcontroller supports powerful and efficient
addressing modes for access to the program memory (Flash) and data memory (SRAM,
Register File and I/O Memory). This section describes the different addressing modes
supported by the AVR architecture. In the figures, OP means the operation code part of
the instruction word. To simplify, not all figures show the exact location of the address-
ing bits.
Register File
R0
R1
R2
R29
R30
R31
I/O Registers
$00
$01
$02
...
$3D
$3E
$3F
...
$0000
$0001
$0002
$001D
$001E
$001F
$0020
$0021
$0022
...
$005D
$005E
$005F
...
Data Address Space
$0060
$0061
$00DE
$00DF
...
Internal SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com