Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5034 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5034
Description  High Voltage Dual Interleaved Current Mode Controller with Active Clamp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5034 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM5034 Datasheet HTML 2Page - National Semiconductor (TI) LM5034 Datasheet HTML 3Page - National Semiconductor (TI) LM5034 Datasheet HTML 4Page - National Semiconductor (TI) LM5034 Datasheet HTML 5Page - National Semiconductor (TI) LM5034 Datasheet HTML 6Page - National Semiconductor (TI) LM5034 Datasheet HTML 7Page - National Semiconductor (TI) LM5034 Datasheet HTML 8Page - National Semiconductor (TI) LM5034 Datasheet HTML 9Page - National Semiconductor (TI) LM5034 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Electrical Characteristics (Continued)
Specifications with standard typeface are for T
J = 25˚C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 48V, VCC1 = VCC2 = 10V externally applied, R
T =RDCL = 42.2k
Ω,R
OVLP =70k
Ω, UVLO =
1.5V, unless otherwise stated (Note 3) and (Note 4).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Oscillator (RT/SYNC Pin)
F
S1
Frequency 1 (at OUT1,
OUT2)
R
T = 42.2 k
Ω
183
200
217
kHz
F
S2
Frequency 2 (at OUT1,
OUT2)
R
T = 13.7 k
Ω
530
600
670
kHz
DC voltage
2V
Input Sync threshold
2.6
3.3
3.7
V
PWM Controller (COMP1, COMP2, Duty Cycle Limit Pins)
Delay to output
COMP1 (COMP2) set to 2V. CS1 (CS2)
stepped from 0 to 0.4V. Time for OUT1
(OUT2) to fall to 90% of VCC1 (VCC2).
Output load=0pF.
50
ns
V
COMP
COMP1 (COMP2) open
circuit voltage
5V
I
COMP
COMP1 (COMP2) short
circuit current
COMP1 (COMP2) = 0V
0.6
1
1.4
mA
COMP1 (COMP2) to PWM1
(PWM2) gain
0.33
V/V
Minimum duty cycle
SS1 (SS2) = 0V
0
%
Maximum duty cycle 1
UVLO pin = 1.30V, R
DCL =RT, COMP1
(COMP2) = open
76
%
Maximum duty cycle 2
UVLO pin = 3.75V, R
DCL =RT, COMP1
(COMP2) = open
20
%
Maximum duty cycle 3
UVLO pin = 1.30V, R
DCL =RT/4,
COMP1 (COMP2) = open
20
%
Maximum duty cycle 4
UVLO pin = 2.50V, R
DCL =RT, COMP1
(COMP2) = open
50
%
Maximum duty cycle 5
UVLO pin = 1.30V, R
DCL =RT/2,
COMP1 (COMP2) = open
40
%
Slope compensation
Delta increase at PWM comparator to
CS1 (CS2)
90
mV
Channel mismatch
CS1 (CS2) = 0.25V
7
%
Soft-start to COMP offset
SS1 (SS2) = 0.8V
0
V
Main Output Drivers (OUT1, OUT2)
Output high voltage
I
OUT = 50mA (source)
VCC-1
VCC-0.2
V
Output low voltage
I
OUT = 100 mA (sink)
0.3
1
V
Rise time
C
LOAD =1nF
12
ns
Fall time
C
LOAD =1nF
10
ns
Peak source current
1.5
A
Peak sink current
2.5
A
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com