Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5034 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5034
Description  High Voltage Dual Interleaved Current Mode Controller with Active Clamp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5034 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM5034 Datasheet HTML 3Page - National Semiconductor (TI) LM5034 Datasheet HTML 4Page - National Semiconductor (TI) LM5034 Datasheet HTML 5Page - National Semiconductor (TI) LM5034 Datasheet HTML 6Page - National Semiconductor (TI) LM5034 Datasheet HTML 7Page - National Semiconductor (TI) LM5034 Datasheet HTML 8Page - National Semiconductor (TI) LM5034 Datasheet HTML 9Page - National Semiconductor (TI) LM5034 Datasheet HTML 10Page - National Semiconductor (TI) LM5034 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Electrical Characteristics (Continued)
Specifications with standard typeface are for T
J = 25˚C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 48V, VCC1 = VCC2 = 10V externally applied, R
T =RDCL = 42.2k
Ω,R
OVLP =70k
Ω, UVLO =
1.5V, unless otherwise stated (Note 3) and (Note 4).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Active Clamp Output Drivers (AC1, AC2)
Output high voltage
I
OUT = 10mA (source)
VCC-0.5
VCC-0.2
V
Output low voltage
I
OUT = 20 mA (sink)
0.1
0.5
V
Rise time
C
LOAD = 1.0 nF
44
ns
Fall time
C
LOAD = 1.0 nF
22
ns
Peak source current
0.1
A
Peak sink current
0.25
A
Overlap time
R
OVLP =70k
Ω
75
100
125
ns
Thermal Shutdown
T
SD
Shutdown temperature
165
˚C
Hysteresis
20
˚C
Thermal Resistance
θ
JA
Junction to ambient, 0 LFPM
Air Flow
TSSOP-20 package
120
˚C/W
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: For detailed information on soldering plastic TSSOP packages, refer to the Packaging Data Book available from National Semiconductor Corporation.
Note 3: All limits are guaranteed. All electrical characteristics having room temperature limits are tested during production with TA = 25˚C. All hot and cold limits are
guaranteed by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
Note 4: Typical specifications represent the most likely parametric norm at 25˚C operation
Note 5: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com