Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2L27025CG2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # RF2L27025CG2
Description  25 W, 28 V, 0.7 to 2.7 GHz RF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF2L27025CG2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button RF2L27025CG2 Datasheet HTML 3Page - STMicroelectronics RF2L27025CG2 Datasheet HTML 4Page - STMicroelectronics RF2L27025CG2 Datasheet HTML 5Page - STMicroelectronics RF2L27025CG2 Datasheet HTML 6Page - STMicroelectronics RF2L27025CG2 Datasheet HTML 7Page - STMicroelectronics RF2L27025CG2 Datasheet HTML 8Page - STMicroelectronics RF2L27025CG2 Datasheet HTML 9Page - STMicroelectronics RF2L27025CG2 Datasheet HTML 10Page - STMicroelectronics RF2L27025CG2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Table 8. Components list (2620 - 2690 MHz)
Component
Value
Size
Reference
Q1
RF2L27025CG2
C1
8.2 pF
0805
ATC600F
C3
0.4 pF
0805
ATC600F
C4
0.8 pF
0805
ATC600F
R1
10 Ω
0603
chip resistor
C2
10 μF
1210
ceramic multilayer capacitor
C5
1.0 pF
0805
ATC600F
PCB
0.508 mm (0.020'') thick, ɛr = 3.48, Rogers RO4350B, 1 oz. copper
RF2L27025CG2
Test circuits
DS13231 - Rev 2
page 7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com