Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2L27025CG2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # RF2L27025CG2
Description  25 W, 28 V, 0.7 to 2.7 GHz RF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF2L27025CG2 Datasheet(HTML) 1 Page - STMicroelectronics

  RF2L27025CG2 Datasheet HTML 1Page - STMicroelectronics RF2L27025CG2 Datasheet HTML 2Page - STMicroelectronics RF2L27025CG2 Datasheet HTML 3Page - STMicroelectronics RF2L27025CG2 Datasheet HTML 4Page - STMicroelectronics RF2L27025CG2 Datasheet HTML 5Page - STMicroelectronics RF2L27025CG2 Datasheet HTML 6Page - STMicroelectronics RF2L27025CG2 Datasheet HTML 7Page - STMicroelectronics RF2L27025CG2 Datasheet HTML 8Page - STMicroelectronics RF2L27025CG2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
E2
2
1
3
Pin connection
Pin
Connection
1
Drain
2
Source (bottom side)
3
Gate
Features
Order code
Frequency
VDD
POUT
Gain
Efficiency
RF2L27025CG2
2700 MHz
28 V
25 W
18 dB
50%
•
High efficiency and linear gain operations
•
Integrated ESD protection
•
Internally input matched for ease of use
•
Large positive and negative gate-source voltage range for improved class C
operation
•
Excellent thermal stability, low HCI drift
•
In compliance with the european directive 2002/95/EC
Applications
•
Telecom and wideband communications
•
ISM – 915 MHz and 2.45 GHz
•
915 MHz / 1.3 and 1.5 GHz particle accelerator
Description
The RF2L27025CG2 is a 25 W, 28 V, internally matched LDMOS transistor, designed
for Telecom, wideband communications and ISM applications in the frequency range
from 0.7 to 2.7 GHz. It can be used in class AB, B or C for all typical modulation
formats.
Product status link
RF2L27025CG2
Product summary
Order code
RF2L27025CG2
Marking
2L27025
Package
E2
Packing
Tape and reel 13"
Base/bulk quantity
300/300
25 W, 28 V, 0.7 to 2.7 GHz RF power LDMOS transistor
RF2L27025CG2
Datasheet
DS13231 - Rev 2 - April 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - RF2L27025CG2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF2L27015CG2 STMICROELECTRONICS-RF2L27015CG2 Datasheet
1Mb / 11P
15 W, 28 V, 0.7 to 2.7 GHz RF power LDMOS transistor
27-Sep-2021
More results

Similar Description - RF2L27025CG2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF2L15200CB4 STMICROELECTRONICS-RF2L15200CB4 Datasheet
774Kb / 13P
200 W, 28 V, HF to 1.5 GHz RF power LDMOS transistor
15-Apr-2021
RF2L16080CF2 STMICROELECTRONICS-RF2L16080CF2 Datasheet
1Mb / 12P
80 W, 28 V, 1.3 to 1.7 GHz RF power LDMOS transistor
20-Apr-2021
RF2L16180CB4 STMICROELECTRONICS-RF2L16180CB4 Datasheet
2Mb / 12P
180 W, 28 V, 1.3 to 1.6 GHz RF power LDMOS transistor
21-Apr-2021
RF2L16180CF2 STMICROELECTRONICS-RF2L16180CF2 Datasheet
498Kb / 13P
180 W, 28 V, 1.3 to 1.7 GHz RF power LDMOS transistor
14-Apr-2021
RF2L27015CG2 STMICROELECTRONICS-RF2L27015CG2 Datasheet
1Mb / 11P
15 W, 28 V, 0.7 to 2.7 GHz RF power LDMOS transistor
27-Sep-2021
RF2L36040CF2 STMICROELECTRONICS-RF2L36040CF2 Datasheet
503Kb / 13P
40 W, 28 V, 2.7 to 3.6 GHz RF power LDMOS transistor
22-Apr-2021
RF2L42008CG2 STMICROELECTRONICS-RF2L42008CG2 Datasheet
1Mb / 12P
8 W, 28 V, 0.7 to 4.2 GHz RF power LDMOS transistor
27-Sep-2021
ST16010 STMICROELECTRONICS-ST16010 Datasheet
1Mb / 12P
10 W, 28 V, HF to 1.6 GHz RF Power LDMOS transistor
13-May-2021
ST16045 STMICROELECTRONICS-ST16045 Datasheet
23Mb / 13P
45 W, 28 V, 0.7 to 1.7 GHz RF Power LDMOS transistor
18-Mar-2021
ST36015 STMICROELECTRONICS-ST36015 Datasheet
1Mb / 11P
20 W, 28 V, 0.7 to 3.6 GHz RF power LDMOS transistor
27-Sep-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com