Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5L08600CB4 Datasheet(PDF) 5 Page - STMicroelectronics

Part # RF5L08600CB4
Description  650 W, 50 V, 0.4 to 1 GHz RF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF5L08600CB4 Datasheet(HTML) 5 Page - STMicroelectronics

  RF5L08600CB4 Datasheet HTML 1Page - STMicroelectronics RF5L08600CB4 Datasheet HTML 2Page - STMicroelectronics RF5L08600CB4 Datasheet HTML 3Page - STMicroelectronics RF5L08600CB4 Datasheet HTML 4Page - STMicroelectronics RF5L08600CB4 Datasheet HTML 5Page - STMicroelectronics RF5L08600CB4 Datasheet HTML 6Page - STMicroelectronics RF5L08600CB4 Datasheet HTML 7Page - STMicroelectronics RF5L08600CB4 Datasheet HTML 8Page - STMicroelectronics RF5L08600CB4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
4
Test circuits
Figure 3. Test circuit layout
GADG260120211526GT
Table 6. Components list
Component
Description
Size
Reference
C1
8.2 pF
0.110" x 0.110"
DLC70B
C2, C17, C19
47 pF
0.110" x 0.110"
ATC800B
C3, C4, C13, C14
130 pF
0.110" x 0.110"
ATC800B
C5
2 pF
0.110" x 0.110"
DLC70B
C6, C7
18 pF
0.110" x 0.110"
DLC70B
C8, C9, C10
4.7 pF
0.110" x 0.110"
DLC70B
C11
15 pF
0.110" x 0.110"
DLC70B
C12
3.3 pF
0.110" x 0.110"
DLC70B
C15, C22, C23
110 pF
0.110" x 0.110"
ATC800B
C20, C21
220 pF
0.110" x 0.110"
DLC70B
C16, C18, C24, C25
10 μF, 50 V
Ceramic multilayer capacitor
C26, C27
1000 μF, 63 V
Electrolytic capacitor
R1, R2
16 Ω
1210
Chip resistor
R3, R4
200 Ω
Metal film resistor
T1, T2, T3, T4
25 Ω, line length = 50 mm
SF-086-25
PCB
0.762 mm (0.030'') thick, ɛr = 3.48, Rogers RO4350B, 1 oz. copper
RF5L08600CB4
Test circuits
DS13635 - Rev 2
page 5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com