Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5L08600CB4 Datasheet(PDF) 10 Page - STMicroelectronics

Part # RF5L08600CB4
Description  650 W, 50 V, 0.4 to 1 GHz RF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF5L08600CB4 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button RF5L08600CB4 Datasheet HTML 4Page - STMicroelectronics RF5L08600CB4 Datasheet HTML 5Page - STMicroelectronics RF5L08600CB4 Datasheet HTML 6Page - STMicroelectronics RF5L08600CB4 Datasheet HTML 7Page - STMicroelectronics RF5L08600CB4 Datasheet HTML 8Page - STMicroelectronics RF5L08600CB4 Datasheet HTML 9Page - STMicroelectronics RF5L08600CB4 Datasheet HTML 10Page - STMicroelectronics RF5L08600CB4 Datasheet HTML 11Page - STMicroelectronics RF5L08600CB4 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Revision history
Table 8. Document revision history
Date
Version
Changes
02-Feb-2021
1
First release.
20-May-2021
2
Updated Features and Device summary in cover page.
Updated Table 3. ESD protection.
Updated Table 4. Static (per side).
Updated Table 6. Components list.
Added Section 5.2 Marking information.
RF5L08600CB4
DS13635 - Rev 2
page 10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com