Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR2045CTP Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR2045CTP
Description  SWITCHMODEE TM Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR2045CTP Datasheet(HTML) 2 Page - ON Semiconductor

  MBR2045CTP Datasheet HTML 1Page - ON Semiconductor MBR2045CTP Datasheet HTML 2Page - ON Semiconductor MBR2045CTP Datasheet HTML 3Page - ON Semiconductor MBR2045CTP Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR2045CTP
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Thermal Resistance, Junction to Case
RθJC
2.0
°C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 1.)
(iF = 10 Amps, TC = 125°C)
(iF = 20 Amps, TC = 125°C)
(iF = 20 Amps, TC = 25°C)
vF
0.57
0.72
0.84
Volts
Maximum Instantaneous Reverse Current (Note 1.)
(Rated dc Voltage, TC = 125°C)
(Rated dc Voltage, TC = 25°C)
iR
15
0.1
mA
1. Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%
Figure 1. Maximum Forward Voltage
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
100
10
1
0.5
0.4
0.3
0.2
Figure 2. Typical Forward Voltage
0.1
0.8
0.7
0.6
1.1
1
0.9
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
10
1
0.5
0.4
0.3
0.1
0.1
0.8
0.7
0.6
0.9
100
0.2
Figure 3. Typical Reverse Current
VR, REVERSE VOLTAGE (VOLTS)
0.01
0.001
0.0001
15
10
5
0
Figure 4. Typical Capacitance
0.0000001
30
25
20
45
40
35
VR, REVERSE VOLTAGE (VOLTS)
200
100
20
15
10
0
0
35
30
25
50
800
5
50
0.00001
0.000001
45
40
400
300
500
700
600
125
°C
25
°C
75
°C
125
°C
25
°C
75
°C
125
°C
25
°C
75
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com